công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DA9155M bảng dữ liệu(PDF) 18 Page - Renesas Technology Corp

tên linh kiện DA9155M
Giải thích chi tiết về linh kiện  2.5 A Companion Charger for Rapid Charging
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9155M bảng dữ liệu(HTML) 18 Page - Renesas Technology Corp

Back Button DA9155M Datasheet HTML 14Page - Renesas Technology Corp DA9155M Datasheet HTML 15Page - Renesas Technology Corp DA9155M Datasheet HTML 16Page - Renesas Technology Corp DA9155M Datasheet HTML 17Page - Renesas Technology Corp DA9155M Datasheet HTML 18Page - Renesas Technology Corp DA9155M Datasheet HTML 19Page - Renesas Technology Corp DA9155M Datasheet HTML 20Page - Renesas Technology Corp DA9155M Datasheet HTML 21Page - Renesas Technology Corp DA9155M Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
DA9155M
2.5 A Companion Charger for Rapid Charging
Datasheet
Revision 3.2
25-Feb-2022
CFR0011-120-00 Rev 5
18 of 37
© 2022 Renesas Electronics
10.2.1
Register Map Paging
The 2-wire interface has direct access to two pages of the register map (up to 256 addresses). The
register at address zero on each page is used as a page control register (the LSB of the PAGE
register is ignored). Writing to the page control register changes the active page for all subsequent
read/write operations unless an automatic return to page 0 was selected by asserting the REVERT
register.
Alternatively, DA9155M offers a way to access register pages which avoids changing the active page
via the PAGE register. DA9155M can respond to multiple consecutive slave addresses and update
the PAGE register automatically based on the slave address. For example, when IF_BASE_ADDR =
0x58, the PAGE register responds to the slave address as follows:
Slave address = 0x58  PAGE = 0x00
Slave address = 0x59  PAGE = 0x02
Slave address = 0x5A  PAGE = 0x04
Slave address = 0x5B  PAGE = 0x06
The consecutive addresses are obtained by replacing the two LSB in IF_BA
SE_ADDR with “00”,
“01”, “10”, or “11”. This feature can be enabled in the I2C_EXTEND_EN register.
10.2.2
Details of the 2-Wire Protocol
All data is transmitted across the 2-wire bus in 8-bit groups. To send a bit the SDA line is driven at
the intended state while the SCL is low. Once the SDA has settled, the SCL line is brought high and
then low. This pulse on SCL clocks the SDA bit into the receiver’s shift register.
A two-byte serial protocol is used containing one address byte and one data byte. Data and address
transfer is transmitted MSB first for both read and write operations. All transmission begins with the
START condition from the master during which the bus is in IDLE state (the bus is free). It is initiated
by a high-to-low transition on the SDA line while the SCL is in the high state. A STOP condition is
indicated by a low-to-high transition on the SDA line while the SCL is in the high state. The START
and STOP conditions are illustrated in Figure 12.
START
STOP
SDA
SCL
Transaction
Figure 12: Timing of the START and STOP Conditions
The 2-wire bus will be monitored by DA9155M for a valid slave address whenever the interface is
enabled. It responds immediately when it receives its own slave address. This is acknowledged by
pulling the SDA line low during the following clock cycle (white blocks marked with ‘A’ in the following
figures).
The protocol for a register write from master to slave consists of a START condition, a slave address,
a read/write-bit, 8-bit address, 8-bit data, and a STOP condition. DA9155M responds to all bytes with
an ACK. A register write operation is illustrated in Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com