| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SD02HOSK bảng dữ liệu(PDF) 2 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
SD02HOSK bảng dữ liệu(HTML) 2 Page - C&K Components |
|
2 / 3 page ![]() Dimensions are shown in inch (mm ) Dimensions subject to change www.ittcannon.com H-8 H 18 7 6 5 4 3 2 ORIENTATION MARK PEELABLE TAPE SEAL .300 (7,62) .390 (9,91) .010 TYP. (0,25) STANDOFF .027 (0,70) ACTUATOR TRAVEL .142 (3,62) .263 (6,68) DIM. 'A' SEE CHART .315 TYP. (8,00) .160 (4,06) WITH TAPE .100 TYP. (2,54) .022 TYP. (0,55) .010 TYP. (0,25) .243 TYP. (6,17) .044 MIN. (1,12) .100 (2,54) TYP. .435 MIN. (11,05) .010 TYP. (0,25) 18 7 6 5 4 3 2 ORIENTATION MARK PEELABLE TAPE SEAL .300 (7,62) .390 (9,91) .010 TYP. (0,25) STANDOFF .027 (0,70) ACTUATOR TRAVEL .142 (3,62) .263 (6,68) DIM. 'A' SEE CHART .315 TYP. (8,00) .160 (4,06) WITH TAPE .100 TYP. (2,54) .022 TYP. (0,55) .010 TYP. (0,25) .243 TYP. (6,17) .044 MIN. (1,12) .100 (2,54) TYP. .435 MIN. (11,05) 18 7 6 5 4 3 2 .010 TYP. (0,25) .023 TYP. (0,60) STANDOFF .027 (0,70) ACTUATOR TRAVEL .142 (3,62) .263 (6,68) DIM. 'A' SEE CHART .325 TYP. (8,25) .315 TYP. (8,00) .168 TYP. (4,30) .126 TYP. (3,20) .100 TYP. (2,54) .022 TYP. (0,55) .059 TYP. (1,50) .010 TYP. (0,25) PEELABLE TAPE SEAL ORIENTATION MARK .100 (2,54) TYP. .300 TYP. (7,6) Ø.038 (0,97) TYP. C&K SD Series Low Profile DIP Switches QUANTITY PART NUMBER NO.POS. DIM. ‘A’ PER TUBE SD02H0SK 2 .258 (6,55) 85 SD03H0SK 3 .358 (9,09) 60 SD04H0SK 4 .458 (11,63) 45 SD05H0SK 5 .558 (14,17) 40 SD06H0SK 6 .658 (16,71) 30 SD07H0SK 7 .758 (19,25) 25 SD08H0SK 8 .858 (21,79) 25 SD09H0SK 9 .958 (24,33) 20 SD10H0SK 10 1.058 (26,87) 20 SD12H0SK 12 1.258 (31,95) 15 Schematic SPST Sealed Flush Actuator – With Top Tape, Surface Mount Terminals Sealed Extended Actuator – With Top Tape, Thru-hole Terminals QUANTITY PART NUMBER NO.POS. DIM. ‘A’ PER TUBE SD02H1K 2 .258 (6,55) 85 SD03H1K 3 .358 (9,09) 60 SD04H1K 4 .458 (11,63) 45 SD05H1K 5 .558 (14,17) 40 SD06H1K 6 .658 (16,71) 30 SD07H1K 7 .758 (19,25) 25 SD08H1K 8 .858 (21,79)) 25 SD09H1K 9 .958 (24,33) 20 SD10H1K 10 1.058 (26,87) 20 SD12H1K 12 1.258 (31,95) 15 Schematic SPST Sealed Extended Actuator – With Top Tape, Surface Mount Terminals QUANTITY PART NUMBER NO.POS. DIM. ‘A’ PER TUBE SD02H1SK 2 .258 (6,55) 85 SD03H1SK 3 .358 (9,09) 60 SD04H1SK 4 .458 (11,63) 45 SD05H1SK 5 .558 (14,17) 40 SD06H1SK 6 .658 (16,71) 30 SD07H1SK 7 .758 (19,25) 25 SD08H1SK 8 .858 (21,79)) 25 SD09H1SK 9 .958 (24,33) 20 SD10H1SK 10 1.058 (26,87) 20 SD12H1SK 12 1.258 (31,95) 15 Schematic SPST Third Angle Projection |