công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SD02HOSK bảng dữ liệu(PDF) 1 Page - C&K Components

tên linh kiện SD02HOSK
Giải thích chi tiết về linh kiện  Low Profile DIP Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CK-COMPONENTS [C&K Components]
Trang chủ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SD02HOSK bảng dữ liệu(HTML) 1 Page - C&K Components

  SD02HOSK Datasheet HTML 1Page - C&K Components SD02HOSK Datasheet HTML 2Page - C&K Components SD02HOSK Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions are shown inch (mm)
Dimensions subject to change
www.ittcannon.com
H-7
H
How To Order
Complete part numbers for SD Series are shown on pages H-7 thru H-8. All switches supplied in “OFF” position in rigid
dispensing tubes or tape and reel packaging.
Specifications
SWITCH FUNCTION: SPST - 2, 3, 4, 5, 6, 7, 8, 9, 10 & 12
positions
CONTACT RATING:
Carry: 100 mA @ 50 V DC max.
Switch: 0.1 mA @ 5 V DC min to 100 mA @ 25 V DC max.
MECHANICAL AND ELECTRICAL LIFE: 2,000 make-and-break
cycles at full load, each circuit.
CONTACT RESISTANCE: Below 50 milliohms typ. initial
@ 2-4 V DC, 100mA.
INSULATION RESISTANCE: 109 ohms min.
DIELECTRIC STRENGTH: 500 V RMS min. @ sea level between
adjacent terminals.
STORAGE & OPERATING TEMPERATURE: -40°C to 85°C.
OPERATING TEMPERATURE: -20°C to 85°C.
QUANTITY
PART NUMBER
NO.POS.
DIM. ‘A’
PER TUBE
SD02H0K
2
.258 (6,55)
85
SD03H0K
3
.358 (9,09)
60
SD04H0K
4
.458 (11,63)
45
SD05H0K
5
.558 (14,17)
40
SD06H0K
6
.658 (16,71)
30
SD07H0K
7
.758 (19,25)
25
SD08H0K
8
.858 (21,79)
25
SD09H0K
9
.958 (24,33)
20
SD10H0K
10
1.058 (26,87)
20
SD12H0K
12
1.258 (31,95)
15
Schematic
SPST
C&K SD Series
Low Profile DIP Switches
PACKAGING: Thru-hole switches supplied in rigid dispensing tubes in
full-tube quantities only: this may effect order quantity. Surface
mount switches available in tape and reel packaging by added ‘R’
to end of part number; 1,000 pieces per reel. Switch position 1
denotes pin number 1. All switch actuators in ‘OFF’ position,
standard.
Materials
CASE & COVER: Thru-hole: polyester (PBT). Surface Mount: (PPA),
flame retardant (UL 94V-0).
ACTUATOR: Nylon, flame retardant (UL 94V-0)
CONTACTS: Copper alloy with gold plate.
TERMINALS: Copper alloy with tin lead plate.
TERMINAL SEAL: All terminals insert molded.
TAPE SEAL: Polyester
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Features/Benefits
• Low profile design saves space
• Thru-hole and surface mount
models
• Tape and reel packaging
available
• Sealed with top tape
Sealed Flush Actuator - With Top Tape, Thru-hole Terminals
Process sealed - withstands soldering and cleaning processes
18
7
6
5
4
3
2
.010 TYP.
(0,25)
.023 TYP.
(0,60)
STANDOFF
.027
(0,70)
ACTUATOR TRAVEL
.142
(3,62)
.263
(6,68)
DIM. 'A'
SEE CHART
.325 TYP.
(8,25)
.315 TYP.
(8,00)
.168 TYP.
(4,30)
.126 TYP.
(3,20)
.100 TYP.
(2,54)
.022 TYP.
(0,55)
.059 TYP.
(1,50)
PEELABLE
TAPE SEAL
ORIENTATION MARK
.100
(2,54)
TYP.
.300 TYP.
(7,6)
Ø.038
(0,97)
TYP.
Typical Applications
• Address switch for industrial
controls
• Logic switching for computers
and peripherals
• Function controlling for
numerous applications
Third Angle
Projection


Số phần tương tự - SD02HOSK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ITT Industries
SD02H0B ITT-SD02H0B Datasheet
283Kb / 3P
Low Profile DIP Switches
logo
C&K Components
SD02H0B CK-COMPONENTS-SD02H0B Datasheet
157Kb / 3P
Low Profile DIP Switches
logo
ITT Industries
SD02H0K ITT-SD02H0K Datasheet
283Kb / 3P
Low Profile DIP Switches
SD02H0SB ITT-SD02H0SB Datasheet
283Kb / 3P
Low Profile DIP Switches
logo
C&K Components
SD02H0SB CK-COMPONENTS-SD02H0SB Datasheet
157Kb / 3P
Low Profile DIP Switches
More results

Mô tả tương tự - SD02HOSK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ITT Industries
SD02H0B ITT-SD02H0B Datasheet
283Kb / 3P
Low Profile DIP Switches
SDA01H0BD ITT-SDA01H0BD Datasheet
251Kb / 3P
Low Profile DIP Switches
logo
List of Unclassifed Man...
MS-100198 ETC2-MS-100198 Datasheet
76Kb / 1P
Ultra-Low Profile DIP Switches
logo
C&K Components
SD02H0B CK-COMPONENTS-SD02H0B Datasheet
157Kb / 3P
Low Profile DIP Switches
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
Low Profile DIP Switches
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
Low Profile Rotary DIP Switches
SDA CK-COMPONENTS-SDA_V01 Datasheet
135Kb / 3P
Low Profile DIP Switches
SD CK-COMPONENTS-SD Datasheet
215Kb / 3P
Low Profile DIP Switches
9 January 2018
SDA CK-COMPONENTS-SDA_V02 Datasheet
426Kb / 4P
Low Profile DIP Switches
28 may 18
SDB CK-COMPONENTS-SDB Datasheet
763Kb / 4P
Low Profile DIP Switches
18 oct 18
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com