| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EPM240 bảng dữ liệu(PDF) 37 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EPM240 bảng dữ liệu(HTML) 37 Page - Altera Corporation |
|
37 / 297 page ![]() Chapter 2: MAX II Architecture 2–15 MultiTrack Interconnect © October 2008 Altera Corporation MAX II Device Handbook Figure 2–12. C4 Interconnect Connections (Note 1) Note to Figure 2–12: (1) Each C4 interconnect can drive either up or down four rows. C4 Interconnect Drives Local and R4 Interconnects Up to Four Rows Adjacent LAB can drive onto neighboring LAB's C4 interconnect C4 Interconnect Driving Up C4 Interconnect Driving Down LAB Row Interconnect Local Interconnect |