công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EPM240 bảng dữ liệu(PDF) 39 Page - Altera Corporation

tên linh kiện EPM240
Giải thích chi tiết về linh kiện  MAX II Device Handbook
PDF  297 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM240 bảng dữ liệu(HTML) 39 Page - Altera Corporation

Back Button EPM240 Datasheet HTML 35Page - Altera Corporation EPM240 Datasheet HTML 36Page - Altera Corporation EPM240 Datasheet HTML 37Page - Altera Corporation EPM240 Datasheet HTML 38Page - Altera Corporation EPM240 Datasheet HTML 39Page - Altera Corporation EPM240 Datasheet HTML 40Page - Altera Corporation EPM240 Datasheet HTML 41Page - Altera Corporation EPM240 Datasheet HTML 42Page - Altera Corporation EPM240 Datasheet HTML 43Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 297 page
background image
Chapter 2: MAX II Architecture
2–17
Global Signals
© October 2008
Altera Corporation
MAX II Device Handbook
The global clock network drives to individual LAB column signals, LAB column
clocks [3..0], that span an entire LAB column from the top to the bottom of the device.
Unused global clocks or control signals in a LAB column are turned off at the LAB
column clock buffers shown in Figure 2–14. The LAB column clocks [3..0] are
multiplexed down to two LAB clock signals and one LAB clear signal. Other control
signal types route from the global clock network into the LAB local interconnect. See
“LAB Control Signals” on page 2–5 for more information.
Figure 2–13. Global Clock Generation
Note to Figure 2–13
:
(1) Any I/O pin can use a MultiTrack interconnect to route as a logic array-generated global clock signal.
4
4
GCLK0
Global Clock
Network
GCLK1
GCLK2
GCLK3
Logic Array(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com