công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRP10-188-301201 bảng dữ liệu(PDF) 4 Page - Amphenol Communications Solutions

tên linh kiện DRP10-188-301201
Giải thích chi tiết về linh kiện  INDUSTRIAL CATEGORY 6A RJ45 FIELD TERMINABLE PLUG, ZINC ALLOY SHELL, PLASTIC HOUSING, PROTECTIVE COVER, WIRE SIZE, CABLE EXIT AND GOLD PLATING OPTIONS -RoHS COMPLIANT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOLCS [Amphenol Communications Solutions]
Trang chủ  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

DRP10-188-301201 bảng dữ liệu(HTML) 4 Page - Amphenol Communications Solutions

  DRP10-188-301201 Datasheet HTML 1Page - Amphenol Communications Solutions DRP10-188-301201 Datasheet HTML 2Page - Amphenol Communications Solutions DRP10-188-301201 Datasheet HTML 3Page - Amphenol Communications Solutions DRP10-188-301201 Datasheet HTML 4Page - Amphenol Communications Solutions DRP10-188-301201 Datasheet HTML 5Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UPDATE THE COLOR LABEL
L.CHAN
AUG07/20
REDUCE THE OUTSIDE SIZE
B
L.CHAN
OCT19/20
C
MAY12/22
ADD PACKAGE INFORMATION
L.CHAN
AUG20/21
UPDATE THE DRAWING
D
KELVIN
REDESIGN FOR A SHORTER VERSION AND
E
A.GREEN
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
A
B
C
D
E
F
G
H
2
1
2
1
ANGULAR DEGREES
INDUSTRIAL CATEGORY 6A RJ45 FIELD
TERMINABLE PLUG, ZINC ALLOY SHELL,
5
E
SCALE:
REV
DWG.
NO.
6
OF
Commercial Products
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
Amphenol Canada Corp.
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-DRP10-188-XXXXXX
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
4
SHEET
PLASTIC HOUSING,
1.5
OPTIONS -RoHS COMPLIANT
RONNIE.C
A
PROPOSAL DRAWING
JUN17/20
L.CHAN
DWG SIZE:
WIRE SIZE, CABLE EXIT AND GOLD PLATING
COVER,
DRAWING
JUN17/20
JUN17/20
03554
2:1
X
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
SCALE
DO NOT
PROJECTION
MILLIMETERS
INCHES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
ANGLE
UNLESS SPECIFIED OTHERWISE
0.38
0.25
GENERAL TOLERANCES
KELVIN.T
THIRD
0.50
PROTECTIVE
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
JUN22/20
WIRE COLOR
TIA-568A
TIA-568B
WHITE/BLUE
BLUE
WHITE/ORANGE
ORANGE
WHITE/BLUE
BLUE
WHITE/GREEN
GREEN
BROWN
WHITE/BROWN WHITE/GREEN
GREEN
BROWN
WHITE/BROWN WHITE/ORANGE
ORANGE
COLOR LABEL
(SCALE 5:1)
NOTES:
1. MATERIAL:
RJ TERMINAL:
COPPER ALLOY,
PLATING: SELECTIVE GOLD PLATING ON MATING SURFACES
SEE PART NO. FOR THICKNESS,
100u'' MIN MATTE TIN ON TAILS.
50u'' MIN. NICKEL UNDERPLATE.
IDC TERMINAL: COPPER ALLOY,
PLATING: 100u'' MIN. MATTE-TIN OVERALL,
50u'' MIN. NICKEL UNDERPLATE.
HOUSING:
ENGINEERING THERMOPLASTIC, FLAMMABILITY RATING UL 94V-0,
SEE PART NO. FOR COLOR OPTION.
SHIELD:
ZINC ALLOY,
PLATING: 200~400u'' NICKEL OVERALL,
400~600u'' COPPER UNDERPLATE.
LATCH:
STAINLESS STEEL
SPRING:
STAINLESS STEEL
2. ITEM 1 AND 2 ARE PACKED SEPARATELY FOR 45 AND 90 DEGREE VERSIONS.
3. 45 DEGREE AND 90 DEGREE PLUG VERSIONS SHARE THE SAME MODULAR FRONT END.
4. 45 DEGREE AND 90 DEGREE VERSIONS CAN BE CONFIGURED WITH FOUR DIFFERENT
EXIT DIRECTIONS.
5. REFER TO AMPHENOL OPERATION INSTRUCTIONS S6179P FOR ASSEMBLY PROCEDURES.
6. THIS RJ PLUG CONNECTOR IS SUITABLE FOR
4.5MM TO
8.0MM CAT6A CABLE.
7. WHEN MATCHING A STACKABLE RJ45 RECEPTACLE , A MINIMUM OF 6.4MM SPACING
BETWEEN TOP AND BOTTOM PORTS IS REQUIRED.
8. THE PACKAGING SPECIFICATION SEE PAGE 5.
AMPHENOL PART NUMBER: DRP10-188-X X X X X X
PROTECTIVE COVER OPTION:
0 = WITHOUT PROTECTIVE COVER
1 = WITH PROTECTIVE COVER
PLASTIC & PCB MATERIAL OPTION:
0 = ENGINEERING THERMPLASTIC
1 = HALOGEN FREE PLASTIC & PCB
GOLD PLATING OPTION:
2 = 6u'' GOLD PLATING
3 = 15u'' GOLD PLATING
4 = 30u'' GOLD PLATING
5 = 50u'' GOLD PLATING
PLUG CONNECTOR CABLE EXIT OPTIONS
REMARK
ITEM
COMPONENTS
45 DEGREE
90 DEGREE
STRAIGHT
1
PLUG CONNECTOR ELEMENT QTY REQ'D
1
1(SEE NOTE 3)
1
SEE NOTE 2
2
REAR SHIELD SUB ASSEMBLY QTY REQ'D
1
1
N/A
CABLE EXIT DIRECTION:
0 = 45 DEGREE IN 4 DIRECTIONS
1 = 90 DEGREE IN 4 DIRECTIONS
2 = STRAIGHT
WIRE AWG OPTION:
1 = AWG 22 TO AWG 23
2 = AWG 24 TO AWG 27
HOUSING COLOR OPTION:
0 = BLACK COLOR
1 = BLUE COLOR
2 = RED COLOR
3 = GREEN COLOR
4 = WHITE COLOR
5 = YELLOW COLOR



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com