công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRP10-188-301201 bảng dữ liệu(PDF) 2 Page - Amphenol Communications Solutions

tên linh kiện DRP10-188-301201
Giải thích chi tiết về linh kiện  INDUSTRIAL CATEGORY 6A RJ45 FIELD TERMINABLE PLUG, ZINC ALLOY SHELL, PLASTIC HOUSING, PROTECTIVE COVER, WIRE SIZE, CABLE EXIT AND GOLD PLATING OPTIONS -RoHS COMPLIANT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOLCS [Amphenol Communications Solutions]
Trang chủ  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

DRP10-188-301201 bảng dữ liệu(HTML) 2 Page - Amphenol Communications Solutions

  DRP10-188-301201 Datasheet HTML 1Page - Amphenol Communications Solutions DRP10-188-301201 Datasheet HTML 2Page - Amphenol Communications Solutions DRP10-188-301201 Datasheet HTML 3Page - Amphenol Communications Solutions DRP10-188-301201 Datasheet HTML 4Page - Amphenol Communications Solutions DRP10-188-301201 Datasheet HTML 5Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
90 DEGREE CABLE EXIT
UPDATE THE COLOR LABEL
L.CHAN
AUG07/20
REDUCE THE OUTSIDE SIZE
B
L.CHAN
OCT19/20
C
MAY12/22
ADD PACKAGE INFORMATION
L.CHAN
AUG20/21
UPDATE THE DRAWING
D
KELVIN
REDESIGN FOR A SHORTER VERSION AND
E
A.GREEN
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
A
B
C
D
E
F
G
H
2
1
2
1
ANGULAR DEGREES
INDUSTRIAL CATEGORY 6A RJ45 FIELD
TERMINABLE PLUG, ZINC ALLOY SHELL,
5
E
SCALE:
REV
DWG.
NO.
6
OF
Commercial Products
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
Amphenol Canada Corp.
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-DRP10-188-XXXXXX
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
2
SHEET
PLASTIC HOUSING,
1.5
OPTIONS -RoHS COMPLIANT
RONNIE.C
A
PROPOSAL DRAWING
JUN17/20
L.CHAN
DWG SIZE:
WIRE SIZE, CABLE EXIT AND GOLD PLATING
COVER,
DRAWING
JUN17/20
JUN17/20
03554
2:1
X
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
SCALE
DO NOT
PROJECTION
MILLIMETERS
INCHES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
ANGLE
UNLESS SPECIFIED OTHERWISE
0.38
0.25
GENERAL TOLERANCES
KELVIN.T
THIRD
0.50
PROTECTIVE
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
JUN22/20
PIN 1
PIN 8
13.94 .549
11.68 .460
13.74 .541
1
2
SEE NOTE 3
EXPLOSION VIEW
(WITHOUT CABLE SHOWN)
FRONT VIEW
(AFTER ASSEMBLY)
(WITHOUT PROTECTIVE COVER&CABLE SHOWN)
OPTIONAL CABLE EXITS
(SCALE 1:1)
FRONT VIEW
TOP
RIGHT
LEFT
BOTTOM
REAR SHIELD SUB ASSEMBLY
ISOMETRIC VIEW
SIDE VIEW
FRONT VIEW
(AFTER ASSEMBLY)
TOP VIEW
(AFTER ASSEMBLY)
(WITHOUT PROTECTIVE COVER&CABLE SHOWN)
SIDE VIEW
(AFTER ASSEMBLY)
(WITHOUT PROTECTIVE COVER&CABLE SHOWN)
SIDE VIEW
(AFTER ASSEMBLY)
BOTTOM VIEW
(AFTER ASSEMBLY)
90°
2.371
26.20 1.031
60.21
SEE NOTE 8
.126 )
SEE NOTE 9
.541
13.74
11.00 .433
(3.20
58.85 2.317
REAR SHIELD
THE REAR COVER
CAN BE ROTATED
AND FIXED WITH
THE REAR SHIELD



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com