công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCAL9538 bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện TCAL9538
Giải thích chi tiết về linh kiện  TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TCAL9538 bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button TCAL9538 Datasheet HTML 17Page - Texas Instruments TCAL9538 Datasheet HTML 18Page - Texas Instruments TCAL9538 Datasheet HTML 19Page - Texas Instruments TCAL9538 Datasheet HTML 20Page - Texas Instruments TCAL9538 Datasheet HTML 21Page - Texas Instruments TCAL9538 Datasheet HTML 22Page - Texas Instruments TCAL9538 Datasheet HTML 23Page - Texas Instruments TCAL9538 Datasheet HTML 24Page - Texas Instruments TCAL9538 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
The Software Reset call is a command sent from the controller on the I2C bus that instructs all devices that
support the command to be reset to the power-up default state. In order for it to function as expected, the I2C
bus must be functional and no devices can be hanging the bus.
The Software Reset Call is defined as the following steps:
1. A start condition is sent by the I2C bus controller.
2. The address used is the reserved General Call I2C bus address '0000 0000' with the R/W bit set to 0. The
byte sent is 0x00.
3. Any devices supporting the General Call functionality will ACK. If the R/W bit is set to 1 (read), the device will
NACK.
4. Once the General Call address is acknowledged, the controller sends only 1 byte of data equal to 0x06. If
the data byte is any other value, the device will not acknowledge or reset. If more than 1 byte is sent, no
more bytes will be acknowledged, and the device will ignore the I2C message considering it invalid.
5. After the 1 byte of data (0x06) is sent, the controller sends a STOP condition to end the Software Reset
sequence. A repeated START condition will be ignored by the device and no reset is performed.
One the above steps are completed successfully, the device will perform a reset. This will clear all register
values back to power-on defaults.
8.4 Device Functional Modes
8.4.1 Power-On Reset
When power (from 0 V) is applied to VCC, an internal power-on reset holds the TCAL9538 in a reset condition
until the supply has reached VPOR. At that time, the reset condition is released, and the TCAL9538 registers and
I2C/SMBus state machine initializes to their default states. After that, VCC must be lowered to below VPORF and
back up to the operating voltage for a power-reset cycle.
8.5 Programming
8.5.1 I2C Interface
The bidirectional I2C bus consists of the serial clock (SCL) and serial data (SDA) lines. Both lines must be
connected to a positive supply through a pull-up resistor when connected to the output stages of a device. Data
transfer may be initiated only when the bus is not busy.
I2C communication with this device is initiated by a controller sending a Start condition, a high-to-low transition
on the SDA input/output, while the SCL input is high (see Figure 8-4). After the Start condition, the device
address byte is sent, most significant bit (MSB) first, including the data direction bit (R/ W).
After receiving the valid address byte, this device responds with an acknowledge (ACK), a low on the SDA
input/output during the high of the ACK-related clock pulse. The address input of the responder device must not
be changed between the Start and the Stop conditions.
On the I2C bus, only one data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the high pulse of the clock period, as changes in the data line at this time are interpreted as control
commands (Start or Stop) (see Figure 8-5).
A Stop condition, a low-to-high transition on the SDA input/output while the SCL input is high, is sent by the
controller (see Figure 8-4).
Any number of data bytes can be transferred from the transmitter to receiver between the Start and the Stop
conditions. Each byte of eight bits is followed by one ACK bit. The transmitter must release the SDA line before
the receiver can send an ACK bit. The device that acknowledges must pull down the SDA line during the ACK
clock pulse, so that the SDA line is stable low during the high pulse of the ACK-related clock period (see Figure
8-6). When a responder receiver is addressed, it must generate an ACK after each byte is received. Similarly,
the controller must generate an ACK after each byte that it receives from the responder transmitter. Setup and
hold times must be met for proper operation.
A controller receiver signals an end of data to the responder transmitter by not generating an acknowledge
(NACK) after the last byte has been clocked out of the responder. This is done by the controller receiver by
www.ti.com
TCAL9538
SCPS280 – NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TCAL9538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com