công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCAL9538 bảng dữ liệu(PDF) 32 Page - Texas Instruments

tên linh kiện TCAL9538
Giải thích chi tiết về linh kiện  TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TCAL9538 bảng dữ liệu(HTML) 32 Page - Texas Instruments

Back Button TCAL9538 Datasheet HTML 28Page - Texas Instruments TCAL9538 Datasheet HTML 29Page - Texas Instruments TCAL9538 Datasheet HTML 30Page - Texas Instruments TCAL9538 Datasheet HTML 31Page - Texas Instruments TCAL9538 Datasheet HTML 32Page - Texas Instruments TCAL9538 Datasheet HTML 33Page - Texas Instruments TCAL9538 Datasheet HTML 34Page - Texas Instruments TCAL9538 Datasheet HTML 35Page - Texas Instruments TCAL9538 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
10 Power Supply Recommendations
10.1 Power-On Reset Requirements
In the event of a glitch or data corruption, TCAL9538 can be reset to its default conditions by using the power-on
reset feature. Power-on reset requires that the device go through a power cycle to be completely reset. This
reset also happens when the device is powered on for the first time in an application.
The two types of power-on reset are shown in Figure 10-1 and Figure 10-2.
VCC
Ramp-Up
Re-Ramp-Up
TimetoRe-Ramp
Time
Ramp-Down
VCC_RT
VCC_RT
VCC_FT
VCC_TRR_GND
Figure 10-1. V is lowered below 0.2 V or 0 V and then ramped up
VCC
Ramp-Up
TimetoRe-Ramp
Time
Ramp-Down
VIN dropsbelowPORlevels
VCC_RT
VCC_FT
VCC_TRR_VPOR50
Figure 10-2. V is lowered below the POR threshold, then ramped back up
Table 10-1 specifies the performance of the power-on reset feature for TCAL9538 for both types of power-on
reset.
TCAL9538
SCPS280 – NOVEMBER 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TCAL9538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com