| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LMK04832PAP/EM bảng dữ liệu(PDF) 52 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMK04832PAP/EM bảng dữ liệu(HTML) 52 Page - Texas Instruments |
|
52 / 102 page ![]() 8.6.2.3 SYSREF, SYNC, and Device Config 8.6.2.3.1 VCO_MUX, OSCout_MUX, OSCout_FMT Table 8-28. Register 0x138 BIT NAME POR DEFAULT DESCRIPTION 7 NA 0 Reserved 6:5 VCO_MUX 2 Selects clock distribution path source from VCO0, VCO1, or CLKIN (external VCO) Field Value VCO Selected 0 (0x00) VCO 0 1 (0x01) VCO 1 2 (0x02) FIN1 / CLKIN1 (external VCO) 3 (0x03) FIN0 4 OSCout_MUX 0 Select the source for OSCout: 0: Buffered OSCIN 1: Feedback Mux 3:0 OSCout_FMT 4 Selects the output format of OSCout. When powered down, these pins may be used as CLKIN2. Field Value OSCOUT Format 0 (0x00) Power down (CLKIN2) 1 (0x01) LVDS 2 (0x02) Reserved 3 (0x03) Reserved 4 (0x04) LVPECL 1600 mVpp 5 (0x05) LVPECL 2000 mVpp 6 (0x06) LVCMOS (Norm / Inv) 7 (0x07) LVCMOS (Inv / Norm) 8 (0x08) LVCMOS (Norm / Norm) 9 (0x09) LVCMOS (Inv / Inv) 10 (0x0A) LVCMOS (Off / Norm) 11 (0x0B) LVCMOS (Off / Inv) 12 (0x0C) LVCMOS (Norm / Off) 13 (0x0D) LVCMOS (Inv / Off) 14 (0x0E) LVCMOS (Off / Off) LMK04832-SEP SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022 www.ti.com 52 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: LMK04832-SEP |