công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMK04832PAP/EM bảng dữ liệu(PDF) 35 Page - Texas Instruments

tên linh kiện LMK04832PAP/EM
Giải thích chi tiết về linh kiện  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM bảng dữ liệu(HTML) 35 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 31Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 32Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 33Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 34Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 35Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 36Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 37Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 38Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 102 page
background image
8.4 Device Functional Modes
This device can be configured for many different use cases. The following simplified block diagrams help show
the user the different use cases of the device.
8.4.1 DUAL PLL
8.4.1.1 Dual Loop
Figure 8-10 shows the typical use case of dual loop mode. In dual loop mode, the reference to PLL1 is from
CLKin0, CLKin1, or CLKin2. An external VCXO is used to provide feedback for the first PLL and a reference to
the second PLL. This first PLL cleans the jitter with the VCXO by using a narrow loop bandwidth. The VCXO
may be buffered through the OSCout port. The VCXO is used as the reference to PLL2 and may be doubled
using the frequency doubler. The internal VCO drives up to seven divide/delay blocks which drive up to 14 clock
outputs.
Hitless switching and holdover functionality are optionally available when the input reference clock is lost.
Holdover works by forcing a DAC voltage to the tuning voltage of the VCXO.
It is also possible to use an external VCO in place of PLL2's internal VCO. In this case one less CLKin is
available as a reference as CLKin1 is used for external input.
CLKINx_P
CLKINx_N
PLL1
Phase
Detector/
Charge
Pump
R
N
Up to 3
inputs
External
Loop Filter
N
R
PLL2
Phase
Detector/
Charge
Pump
SYSREF
Digital Delay
Analog Delay
Device Clock
Divider
Digital Delay
PLL1
PLL2
External
VCXO
External
Loop Filter
OSCOUT_P
OSCOUT_N
CPOUT2
7 Blocks
Up to 14 Clock or
SYSREF Outputs
CLKOUTx_P
CLKOUTx_N
CLKOUTy_P
CLKOUTy_N
Global SYSREF
Divider and Delay
Device Clock
Divider
Digital Delay
Device Clock
Divider
Digital Delay
SYSREF
Digital Delay
Analog Delay
SYSREF
Digital Delay
Analog Delay
7 Blocks
Figure 8-10. Simplified Functional Block Diagram for Dual Loop Mode
8.4.1.2 Dual Loop With Cascaded 0-Delay
Figure 8-11 shows the use case of cascaded 0-delay dual loop mode. This configuration differs from dual loop
mode Figure 8-10 in that the feedback for PLL2 is driven by a clock output instead of the VCO output directly.
It is also possible to use an external VCO in place of the internal VCO of the PLL2, but one less CLKin is
available as a reference and the external 0-delay feedback is not available.
CLKINx_P
CLKINx_N
PLL1
Phase
Detector/
Charge
Pump
R
N
Up to 3
inputs
External
Loop Filter
N
R
PLL2
Phase
Detector/
Charge
Pump
SYSREF
Digital Delay
Analog Delay
Device Clock
Divider
Digital Delay
PLL1
PLL2
External
VCXO
External
Loop Filter
OSCOUT_P
OSCOUT_N
CPOUT2
7 Blocks
Up to 14 Clock or
SYSREF Outputs
CLKOUTx_P
CLKOUTx_N
CLKOUTy_P
CLKOUTy_N
Global SYSREF
Divider and Delay
Device Clock
Divider
Digital Delay
Device Clock
Divider
Digital Delay
SYSREF
Digital Delay
Analog Delay
SYSREF
Digital Delay
Analog Delay
7 Blocks
Internal or external loopback, user programmable
Figure 8-11. Simplified Functional Block Diagram for Cascaded 0-Delay Dual Loop Mode
8.4.1.3 Dual Loop With Nested 0-Delay
Figure 8-12 shows the use case of nested 0-delay dual loop mode. This configuration is similar to the dual PLL
in Figure 8-10 except that the feedback to the first PLL is driven by a clock output. The PLL2 reference OSCIN is
not deterministic to the CLKIN or feedback clock.
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com