công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LARA-R6001D-00B bảng dữ liệu(PDF) 21 Page - u-blox AG

tên linh kiện LARA-R6001D-00B
Giải thích chi tiết về linh kiện  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  U-BLOX [u-blox AG]
Trang chủ  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6001D-00B bảng dữ liệu(HTML) 21 Page - u-blox AG

Back Button LARA-R6001D-00B Datasheet HTML 17Page - u-blox AG LARA-R6001D-00B Datasheet HTML 18Page - u-blox AG LARA-R6001D-00B Datasheet HTML 19Page - u-blox AG LARA-R6001D-00B Datasheet HTML 20Page - u-blox AG LARA-R6001D-00B Datasheet HTML 21Page - u-blox AG LARA-R6001D-00B Datasheet HTML 22Page - u-blox AG LARA-R6001D-00B Datasheet HTML 23Page - u-blox AG LARA-R6001D-00B Datasheet HTML 24Page - u-blox AG LARA-R6001D-00B Datasheet HTML 25Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Electrical specifications
Page 21 of 41
C1-Public
4 Electrical specifications
⚠ Stressing the device above one or more of the ratings listed in the Absolute Maximum Rating
section may cause permanent damage. These are stress ratings only. Operating the module at
these or at any conditions other than those specified in the Operating Conditions sections (section
4.2) of the specification should be avoided. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
☞ Electrical characteristics are defined according to the verification on a representative number of
samples or according to the simulation.
☞ Where application information is given, it is advisory only and does not form part of the
specification.
4.1 Absolute maximum rating
☞ Limit values given below are in accordance with the Absolute Maximum Rating System (IEC 134).
Symbol
Description
Condition
Min.
Max.
Unit
VCC
Module supply voltage
Input DC voltage at VCC pin
–0.5
6.0
V
VUSB_DET
USB detection pin
Input DC voltage at VUSB_DET pin
–0.3
5.5
V
USB
USB D+/D- pins
Input DC voltage at USB_D+ and USB_D- pins
–0.3
3.6
V
GDI
Generic digital interfaces
Input DC voltage at Generic digital interfaces pins
–0.3
2.1
V
I2C
I2C interface
Input DC voltage at I2C interface pins
–0.3
2.1
V
SIM
SIM interface
Input DC voltage at SIM interface pins
–0.3
3.6
V
ERS
External reset signal
Input DC voltage at RESET_N pin
–0.3
2.1
V
POS
Power-on input
Input DC voltage at PWR_ON pin
–0.3
2.1
V
Rho_ANT
Antenna ruggedness
Output RF load mismatch ruggedness at ANT pins
10:1
VSWR
Tstg
Storage Temperature
–40
+85
°C
Table 8: Absolute maximum ratings
⚠ The product is notprotected against overvoltage or reversed voltages. If necessary, voltage spikes
exceeding the power supply voltage specification, given in the table above, must be limited to
values within the specified boundaries by using appropriate protection devices.
4.1.1 Maximum ESD
Parameter
Min.
Max.
Unit
Remarks
ESD sensitivity for all pins
1000
V
Human Body Model according to JS-001-2017
500
V
Charged Device Model according to JS-002-2018
Table 9: Maximum ESD ratings
⚠ u-blox cellular modules are Electrostatic Sensitive Devices and require special precautions when
handling. See section 7.4 for ESD handling instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com