công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LARA-R6001D-00B bảng dữ liệu(PDF) 39 Page - u-blox AG

tên linh kiện LARA-R6001D-00B
Giải thích chi tiết về linh kiện  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  U-BLOX [u-blox AG]
Trang chủ  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6001D-00B bảng dữ liệu(HTML) 39 Page - u-blox AG

Back Button LARA-R6001D-00B Datasheet HTML 33Page - u-blox AG LARA-R6001D-00B Datasheet HTML 34Page - u-blox AG LARA-R6001D-00B Datasheet HTML 35Page - u-blox AG LARA-R6001D-00B Datasheet HTML 36Page - u-blox AG LARA-R6001D-00B Datasheet HTML 37Page - u-blox AG LARA-R6001D-00B Datasheet HTML 38Page - u-blox AG LARA-R6001D-00B Datasheet HTML 39Page - u-blox AG LARA-R6001D-00B Datasheet HTML 40Page - u-blox AG LARA-R6001D-00B Datasheet HTML 41Page - u-blox AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Appendix
Page 39 of 41
C1-Public
Abbreviation
Definition
IMS
IP Multimedia Subsystem
IP
Internet Protocol
ISED
Innovation, Science and Economic Development (Canada)
KC
Korea Certification
KMS
Key Management Service
LGA
Land Grid Array
LPWA
Low Power Wide Area
LTE
Long Term Evolution
LWM2M
Open Mobile Alliance Lightweight Machine-to-Machine protocol
MNO
Mobile Network Operator
MQTT
Message Queuing Telemetry Transport
MUX
Multiplexer
N/A
Not Applicable
NCC
National Communications Commission (Taiwan)
PA
Power Amplifier
PCB
Printed Circuit Board
PD
Pull-Down
PDP
Packet Data Protocol
POS
Power-On Input Signal
PMU
Power Management Unit
PSM
Power Saving Mode
PTCRB
PCS Type Certification Review Board
PU
Pull-Up
QPSK
Quadrature Phase-Shift Keying modulation
RAT
Radio Access Technology
RCM
Regulatory Compliance Mark
REST API
Representational State Transfer Application Programming Interface
RFC
Request for Comments
RMC
Reference Measurement Channel
RTC
Real Time Clock
Rx
Receiver
SIM
Subscriber Identification Module
TCP
Transmission Control Protocol
TDD
Time Division Duplexing
TEE
Trusted Execution Environment
TLS
Transport Layer Security
Tx
Transmitter
UART
Universal Asynchronous Receiver/Transmitter serial interface
UDP
User Datagram Protocol
uFOTA
u-blox Firmware update Over The Air
UL
Up-link (Transmission)
UMTS
Universal Mobile Telecommunications System
USB
Universal Serial Bus
VoLTE
Voice over LTE
Table 40: Explanation of the abbreviations and terms used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com