| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MFS5600AMMA8ES bảng dữ liệu(PDF) 75 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS5600AMMA8ES bảng dữ liệu(HTML) 75 Page - NXP Semiconductors |
|
75 / 111 page ![]() NXP Semiconductors FS5600 Automotive buck regulator and controller with voltage monitors and watchdog timer 18.1.13 WATCHDOG_SEED register Bit Symbol Description 15 to 0 WD_SEED[15:0] Watchdog seed. WD_SEED[15:0] — Default value (after reset) is 16'h5AB2 for simple or challenger watchdog. It is impossible to write 16'hFFFF for challenger watchdog. It is impossible to write 16'h0000 or 16'hFFFF for simple watchdog. Reset Condition — POR Table 68. WATCHDOG_SEED register description 18.1.14 WATCHDOG_ANSWER register Bit Symbol Description 15 to 0 WD_ANSWER[15:0] Watchdog answer. WD_ANSWER[15:0] — For good data refresh: • For simple watchdog WD_ANSWER = WD_SEED. • For challenger watchdog WD_ANSWER = ~WD_SEED. Reset Condition — POR Table 69. WATCHDOG_ANSWER register description 18.1.15 OD_ABIST_CTRL register Bit Symbol Description 0 OD_ABIST On-demand ABIST. 1b'0 — No action. 1b'1 — Start on-demand ABIST if OD_ABIST = NOT(NOT_OD_ ABIST), self cleared when ABIST is finished. Reset Condition — POR Table 70. OD_ABIST_CTRL register description 18.1.16 NOT_OD_ABIST register Bit Symbol Description 0 NOT_OD_ABIST On-demand ABIST. 1b'0 — See OD_ABIST in OD_ABIST_CTRL register. 1b'1 — See OD_ABIST in OD_ABIST_CTRL register. Reset Condition — POR Table 71. NOT_OD_ABIST register description 18.1.17 BIST_STATUS1 register Bit Symbol Description 14 BG_ERR Bandgap monitor ABIST status. 1b'0 — No error. 1b'1 — Error detected. Reset Condition — POR Table 72. BIST_STATUS1 register description FS5600 All information provided in this document is subject to legal disclaimers. © 2022 NXP B.V. All rights reserved. Product data sheet Rev. 3 — 2 August 2022 75 / 111 |