| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MFS5600AMMA8ES bảng dữ liệu(PDF) 58 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS5600AMMA8ES bảng dữ liệu(HTML) 58 Page - NXP Semiconductors |
|
58 / 111 page ![]() NXP Semiconductors FS5600 Automotive buck regulator and controller with voltage monitors and watchdog timer Transition Description Transition conditions B INIT_RUN to NORMAL STATE OTP_NORMAL STATE_EN = 1 && [ (PGOOD1 released high internally && OTP_PGOOD1_SAFE = 1) OR (OTP_ PGOOD1_SAFE = 0) && (PGOOD2 released high internally && OTP_PGOOD2_SAFE = 1) OR (OTP_ PGOOD2_SAFE = 0) && (OTP_GPIO1_CFG[1:0] = 0b10 && (OTP_ERRMON1_FLT_POL XOR ERRMON1_pin) && OTP_ERRMON1_SAFE = 1) OR (OTP_GPIO1_ CFG[1:0] = 0b10 && OTP_ERRMON1_SAFE = 0) OR (OTP_GPIO1_CFG[1:0] != 0b10) && (OTP_GPIO3_CFG[1:0] = 0b10 && (OTP_ERRMON2_FLT_POL XOR ERRMON2_pin) && OTP_ERRMON2_SAFE = 1) OR(OTP_GPIO3_ CFG[1:0] = 0b10 && OTP_ERRMON2_SAFE = 0) OR (OTP_GPIO3_CFG[1:0] != 0b10) ] && [ (OTP_MODE_SYNCINB = 1 && OTP_ULPM_EN = 1 && MODE_SYNCIN pin = Low) OR (OTP_MODE_SYNCINB = 1 && OTP_ULPM_EN = 0) OR (OTP_MODE_SYNCINB = 0) ] && [ OTP_WD_DIS = 1 OR (Valid WD (WD_ERR_CNT = 0) && WD refreshed at least once) ] && GOTO_NORMAL = 1 (set by system software) C NORMAL STATE to INIT_ RUN Condition 1: (PGOOD1 asserted low internally && OTP_PGOOD1_SAFE = 1) C NORMAL STATE to INIT_ RUN Condition 2: (PGOOD2 asserted low internally && OTP_PGOOD2_SAFE = 1) C NORMAL STATE to INIT_ RUN Condition 3: (WD Error Limit Reached (WD_ERR_CNT[1:0] >= WD_ERR_LIMIT[1:0] ) && WD_FAIL_IMPACT[1:0] = 01) C NORMAL STATE to INIT_ RUN Condition 4: (OTP_GPIO1_CFG[1:0] = 0b10 && OTP_ERRMON1_SAFE = 1 && Fault Detected and no ACK) C NORMAL STATE to INIT_ RUN Condition 5: (OTP_GPIO3_CFG[1:0] = 0b10 && OTP_ERRMON2_SAFE = 1 && Fault Detected and no ACK) Table 53. State transition table...continued FS5600 All information provided in this document is subject to legal disclaimers. © 2022 NXP B.V. All rights reserved. Product data sheet Rev. 3 — 2 August 2022 58 / 111 |