| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32W108CB bảng dữ liệu(PDF) 116 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB bảng dữ liệu(HTML) 116 Page - STMicroelectronics |
|
116 / 278 page ![]() No pending frame segment Illegal Serial interfaces STM32W108HB STM32W108CC STM32W108CB STM32W108CZ 116/278 Doc ID 16252 Rev 14 Table 27. I2C master frame segments SCx_12CCR1 Frame segments START BTE BRE STOP 10 0 0 01 0 0 00 1 0 00 0 1 00 0 0 1 - - 1 1 1 - - - 1 1 - - - 1 1 TWI re-start segment - after transmit or frame with NACK SDAout SDAoutSLAVE SCLoutSLAVE SCLout TWI start segment SDAout SDAoutSLAVE SCLoutSLAVE SCLout SCLout TX[7]TX[6]TX[5]TX[4] TX[3]TX[2] TX[1]TX[0] SDAout SDAoutSLAVE SCLoutSLAVE (N)ACK TWI transmit segment - after (re-)start frame SCLout TX[7]TX[6]TX[5]TX[4] TX[3]TX[2] TX[1]TX[0] SDAout SDAoutSLAVE SCLoutSLAVE (N)ACK TWI transmit segment – after transmit with ACK SCLout RX[7]RX[6]RX[5]RX[4] RX[3]RX[2]RX[1]RX[0] SDAout SDAoutSLAVE SCLoutSLAVE (N)ACK TWI receive segment – transmit with ACK SCLout RX[7]RX[6]RX[5]RX[4] RX[3]RX[2]RX[1]RX[0] SDAout SDAoutSLAVE SCLoutSLAVE (N)ACK TWI receive segment - after receive with ACK TWI stop segment - after frame with NACK or stop SDAout SDAoutSLAVE SCLoutSLAVE SCLout |