| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32W108CB bảng dữ liệu(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB bảng dữ liệu(HTML) 67 Page - STMicroelectronics |
|
67 / 278 page ![]() STM32W108HB STM32W108CC STM32W108CB STM32W108CZ System modules Doc ID 16252 Rev 14 67/278 Sleep timer force interrupt register (SLPTMR_IFR) Address: 0x4000 A020 Reset value: 0x0000 0000 Reserved, must be kept at reset value CMPB: Force sleep timer compare B interrupt CMPA: Force sleep timer compare A interrupt WRAP: Force sleep timer wrap interrupt Sleep timer interrupt enable register (SLPTMR_IER) Address: 0x4000 A054 Reset value: 0x0000 0000 Reserved, must be kept at reset value CMPB: Sleep timer compare B CMPA: Sleep timer compare A WRAP: Sleep timer wrap 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Reserved 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved CMPB CMPA WRAP rw rw rw Bits [31:3] Bit 2 Bit 1 Bit 0 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Reserved 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved CMPB CMPA WRAP rw rw rw Bits [31:3] Bit 2 Bit 1 Bit 0 |