công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STMPE812BJR bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện STMPE812BJR
Giải thích chi tiết về linh kiện  S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812BJR bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button STMPE812BJR Datasheet HTML 15Page - STMicroelectronics STMPE812BJR Datasheet HTML 16Page - STMicroelectronics STMPE812BJR Datasheet HTML 17Page - STMicroelectronics STMPE812BJR Datasheet HTML 18Page - STMicroelectronics STMPE812BJR Datasheet HTML 19Page - STMicroelectronics STMPE812BJR Datasheet HTML 20Page - STMicroelectronics STMPE812BJR Datasheet HTML 21Page - STMicroelectronics STMPE812BJR Datasheet HTML 22Page - STMicroelectronics STMPE812BJR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
STMPE812
Interrupt system
Doc ID 17732 Rev 3
19/51
8
Interrupt system
The STMPE812 uses a 2-tier interrupt structure. In normal mode, interrupts from the GPIO
and touchscreen controller assert the INT pin and are available in the Interrupt Status
register (ISR).
In pen down mode, the INT pin is asserted as long as pen down is detected.
Since the INT pin is a OR function of the pen down and all other enabled interrupts, in order
for INT pin to provide the exclusive indication of pen down (INT=Low) and pen up
(INT=High), as such benefit from minimal I2C transactions, it is recommended to use pen
down mode when the GPIO/PWM/ADC functions are not required or the GPIO/PWM/ADC
interrupts are disabled.
Figure 7.
Interrupt system diagram
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51