công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMS116 bảng dữ liệu(PDF) 5 Page - Advanced Monolithic Systems

tên linh kiện AMS116
Giải thích chi tiết về linh kiện  100mA LOW DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADMOS [Advanced Monolithic Systems]
Trang chủ  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS116 bảng dữ liệu(HTML) 5 Page - Advanced Monolithic Systems

  AMS116 Datasheet HTML 1Page - Advanced Monolithic Systems AMS116 Datasheet HTML 2Page - Advanced Monolithic Systems AMS116 Datasheet HTML 3Page - Advanced Monolithic Systems AMS116 Datasheet HTML 4Page - Advanced Monolithic Systems AMS116 Datasheet HTML 5Page - Advanced Monolithic Systems AMS116 Datasheet HTML 6Page - Advanced Monolithic Systems AMS116 Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AMS116
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
45
55
70
60
85
0
25
50
75
100
OUTPUT CURRENT (mA)
Ripple Rejection
50
65
80
75
F
Q= 120Hz
45
55
70
60
85
0
25
50
75
100
OUTPUT CURRENT (mA)
Ripple Rejection
50
65
80
75
F
Q= 120Hz
0.01
0.1
100
0
20
40
60
100
OUTPUT CURRENT (mA)
Output Capacitor ESR
1
10
V
O = 5V
C
OUT= 100µF
80
STABLE
REGION
0.5
1.0
Maximum Power Dissipation (TO-92)
0.1
0.2
0.3
0.4
0.6
0.7
0.8
0.9
AMBIENT TEMPERATURE (° C)
0.125" Lead Lenght
from PC Board
10 20 30 40 50 60 70 80
0
0
0.4" Lead
Lenght from
PC Board
0.5
1.0
Maximum Power Dissipation (SOT-89)
0.1
0.2
0.3
0.4
0.6
0.7
0.8
0.9
AMBIENT TEMPERATURE (° C)
MOUNTED
ON PCB
10 20 30 40 50 60 70 80
0
0
UNMOUNTED
90
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723



Html Pages

1 2 3 4 5 6 7