| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMS116 bảng dữ liệu(PDF) 4 Page - Advanced Monolithic Systems |
|
|
|||||||||||||||||||||||||||||
AMS116 bảng dữ liệu(HTML) 4 Page - Advanced Monolithic Systems |
|
4 / 7 page ![]() AMS116 TYPICAL PERFORMANCE CHARACTERISTICS Line Transient Response TIME ( µs) C 2= 100 µF 015 30 45 0 3 -1 0 1 2 3 V IN = VOUT = 9V 010 20 0 300 200 100 Peak Output Current 30 INPUT VOLTAGE (V) 50 250 150 T J = 85°C T J= 25°C T J = -40°C 040 80 0 0.6 0.4 0.2 Dropout Voltage 120 JUNCTION TEMPERATURE (° C) 0.1 0.5 0.3 I O = 10mA 050 0 1.2 0.8 0.4 Dropout Voltage 100 OUTPUT CURRENT (mA) 0.2 1.0 0.6 -40 40 80 120 25 10 Quiescent Current TEMPERATURE (° C) 15 2 0 0 030 60 0 30 20 10 Quiescent Current 90 OUTPUT CURRENT (mA) 5 25 15 -2 ~ ~ ~ ~ ~ ~ -3 ~ ~ V IN = 14V 20 3 1 Load Transient Response TIME ( µs) C 2= 100µF 015 30 45 0 150 -40 0 40 ~ ~ ~ ~ I O = 50mA I O = 100mA I O = 50mA I O = 0mA -5 5 20 10 35 -20 -10 0 10 20 30 40 50 60 INPUT VOLTAGE (V) Quiescent Current 0 15 30 25 I O= 10mA 45 55 70 60 85 1 10 100 1k 10k 100k 1M FREQUENCY (Hz) Ripple Rejection 50 65 80 75 C2 = 100 µF ALUM I O= 10mA C2 = 100 µF TANTALUM I O= 50mA I O= 100mA Advanced Monolithic Systems, Inc. www.advanced-monolithic.com Phone (925) 443-0722 Fax (925) 443-0723 |