công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLS2205PM bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện TLS2205PM
Giải thích chi tiết về linh kiện  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLS2205PM bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button TLS2205PM Datasheet HTML 3Page - Texas Instruments TLS2205PM Datasheet HTML 4Page - Texas Instruments TLS2205PM Datasheet HTML 5Page - Texas Instruments TLS2205PM Datasheet HTML 6Page - Texas Instruments TLS2205PM Datasheet HTML 7Page - Texas Instruments TLS2205PM Datasheet HTML 8Page - Texas Instruments TLS2205PM Datasheet HTML 9Page - Texas Instruments TLS2205PM Datasheet HTML 10Page - Texas Instruments TLS2205PM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
7
voice-coil motor driver electrical characteristics over recommended range of supply voltage,
TA = 25 C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total output drain-to-source on-state
resistance, 2
rDS(on)
VCMA, VCMB
2
3
Total VCM driver voltage drop
IO = 200 mA
0.6
V
Total VCM driver voltage drop
IO = 400 mA
1.2
V
VCM driver voltage drop on retract
ICRET = 50 mA, RETSET grounded
1.3
V
VCM gain accuracy
4%
VCM differential linearity
1.6%
Slew rate
.05
V/ s
Control voltage
RETSET
0.7
V
Pullup resistance
CRET,
RETOUT
20
Output voltage
3.88
4
4.12
V
Output impedance
REFBUF
f = 10 kHz
6.1
Source current
7
mA
Output voltage
VCMREF
1.94
2
2.06
V
Clamp voltage
CRET
See Note 6
9
V
NOTE 5: Optional Zener diode may be required on CRET for filtering narrow voltage spikes
spindle-motor driver electrical characteristics over recommended supply voltage range, TA = 25 C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total output drain-to-source on-state resistance,
2
rDS(on)
U, V, W
1.3
1.6
Source-driver output voltage slew rate
0.07
V/ s
Sink-driver output voltage slew rate
See Note 7
0.07
V/ s
Retract clamp diode forward voltage
U, V, W, CRET
IRETOUT = 50 mA
0.5
V
Center tap driver-output saturation resistance
CTDRV
See Note 8
150
Speed discriminator count range
See Note 9
8
8333
16384
Maximum compensation voltage
VCM DAC word = FFhex
4
V
Maximum spin compensation voltage
RUN MODE
5
V
Minimum spin compensation voltage
0.8
V
Charge-pump leakage current
3
5
nA
Charge-pump output current
SPNCOMP
50
A
Charge-pump output current matching
1%
Spindle-driver start current
U, V, W
1.2
A
NOTES:
6. This slew rate is determined by the percentage of programmed current.
7. CTDRV is an open-drain switch.
8. The typical count (1041) fspindle = 3600 (RPM) at f(MTRCLK) = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com