công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLS2205PM bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện TLS2205PM
Giải thích chi tiết về linh kiện  VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLS2205PM bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TLS2205PM Datasheet HTML 1Page - Texas Instruments TLS2205PM Datasheet HTML 2Page - Texas Instruments TLS2205PM Datasheet HTML 3Page - Texas Instruments TLS2205PM Datasheet HTML 4Page - Texas Instruments TLS2205PM Datasheet HTML 5Page - Texas Instruments TLS2205PM Datasheet HTML 6Page - Texas Instruments TLS2205PM Datasheet HTML 7Page - Texas Instruments TLS2205PM Datasheet HTML 8Page - Texas Instruments TLS2205PM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
SLFS040
– DECEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
4
Terminal Functions
TERMINAL
I/O
DESCRIPTION
SUBSYSTEM§
NAME
NO.†
NO.‡
I/O
DESCRIPTION
SUBSYSTEM§
AGND
19
14
Analog GND
VM
AUXIN
54
54
I
Spindle-phase commutate input
SPN
AUXOUT
53
53
O
Spindle-system status output
SPN
AVCC
9
1
I
Analog 5-V supply voltage
VM
CMPI
25
20
I
VCM frequency-compensation input
VCM
CMPO
26
21
O
VCM frequency-compensation output
VCM
COMDLY1
31
26
I
Spindle back-EMF commutation delay control input
SPN
COMDLY2
32
27
O
Spindle back-EMF commutation delay control output
SPN
CPOR
6
62
O
Power-on-reset delay capacitor output
VM
CRET
37
34
O
Retract power full-wave-rectifier output
VM
CTDRV
29
24
O
Center-tap pnp drive output
SPN
CTS
34
29
I
Spindle center-tap sense input
SPN
DGND
48
47
Logic GND
SP
DVCC
55
55
I
Logic power supply voltage
SP
HU
51
52
I
Hall-phase U input
SPN
HV
50
51
I
Hall-phase V input
SPN
HW
49
48
I
Hall-phase W input
SPN
MTRCLK
56
56
I
Spindle-motor reference clock input
SPN
PORN
4
60
I/O
Power-on-reset node, open-drain output/reset input
VM
REFBUF
36
33
O
4-V reference
VCM
RETOUT
20
15
O
Retract voltage set output
VM
RETSET
21
16
I
Retract voltage set input
VM
RSENN
24
19
I
VCM current-sense negative input
VCM
RSENP
23
18
I
VCM current-sense positive input
VCM
SCLK
1
57
I
Serial input clock
SP
SDATA
2
58
I/O
Serial input/output port
SP
SPNCOMP
35
30
O
Spindle charge-pump filter
SPN
SPNGND
13, 14, 15, 16,
41, 42, 43, 44
39, 40, 41, 42
Spindle ground
SPN
SPNSNSR1
40
43
I
Spindle-sense-resistor kelvin input
SPN
SPNSNSR2
45
38
O
Spindle-sense-resistor output
SPN
SPNSW
30
25
O
Spindle compensation capacitor switch
SPN
SPNVCC
46
44
I
Spindle-driver supply voltage
SPN
SPSZ
3
59
I
Serial I/O port select. When low, data goes into port.
When high, data goes out of port.
SP
U
47
45, 46
O
Spindle-phase U connection
SPN
UV
5
61
I
Undervoltage, power-on-reset voltage sense input
VM
† 56-terminal DL package
‡ 64-terminal PM package
§ SPN = spindle, VCM = voice-coil motor, VM = voltage monitor, SP = serial port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com