công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8540 bảng dữ liệu(PDF) 297 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8540
Giải thích chi tiết về linh kiện  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 bảng dữ liệu(HTML) 297 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 293Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 294Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 295Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 296Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 297Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 298Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 299Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 300Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 301Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 1302 page
background image
Debug Registers
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
6-47
6.13.3 Instruction Address Compare Registers (IAC1–IAC2)
37
BRT
Branch taken debug event. Set if a branch taken debug event occurred (DBCR0[BRT] = 1).
Functions as write-one-to-clear.
38
IRPT
Interrupt taken debug event. Set if an interrupt taken debug event occurred (DBCR0[IRPT] = 1).
Functions as write-one-to-clear.
39
TRAP
Trap instruction debug event. Set if a trap Instruction debug event occurred (DBCR0[TRAP] = 1).
Functions as write-one-to-clear.
40
IAC1
Instruction address compare 1 debug event. Set if an IAC1 debug event occurred
(DBCR0[IAC1] = 1). Functions as write-one-to-clear.
41
IAC2
Instruction address compare 2 debug event. Set if an IAC2 debug event occurred
(DBCR0[IAC2] = 1). Functions as write-one-to-clear.
42–43
—
Reserved, should be cleared
44
DAC1R Data address compare 1 read debug event. Set if a read-type DAC1 debug event occurred
(DBCR0[DAC1] = 10 or 11). Functions as write-one-to-clear.
45
DAC1
W
Data address compare 1 write debug event. Set if a write-type DAC1 debug event occurred
(DBCR0[DAC1] = 01 or 11). Functions as write-one-to-clear.
46
DAC2R Data address compare 2 read debug event.Set if a read-type DAC2 debug event occurred
(DBCR0[DAC2] = 10 or 11). Functions as write-one-to-clear.
47
DAC2
W
Data address compare 2 write debug event. Set if a write-type DAC2 debug event occurred
(DBCR0[DAC2] = 01 or 11). Functions as write-one-to-clear.
48
RET
Return debug event. Set if a return debug event occurred (DBCR0[RET] = 1). Functions as
write-one-to-clear.
49–63
—
Reserved, should be cleared.
32
61 62 63
Field
Instruction address
—
Reset
All zeros
R/W
R/W
SPR
SPR 312 (IAC1); SPR 313 (IAC2)
Figure 6-52. Instruction Address Compare Registers (IAC1–IAC2)
Table 6-35. DBSR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More