| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8540 bảng dữ liệu(PDF) 49 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 bảng dữ liệu(HTML) 49 Page - Freescale Semiconductor, Inc |
|
49 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 Freescale Semiconductor xlix Figures Figure Number Title Page Number 13-9 UPM Data Register (MDR) ................................................................................................ 13-22 13-10 SDRAM Machine Mode Register (LSDMR) ..................................................................... 13-22 13-11 UPM Refresh Timer (LURT) .............................................................................................. 13-24 13-12 LSRT SDRAM Refresh Timer (LSRT)............................................................................... 13-25 13-13 Transfer Error Status Register (LTESR) ............................................................................. 13-26 13-14 Transfer Error Check Disable Register (LTEDR) ............................................................... 13-27 13-15 Transfer Error Interrupt Enable Register (LTEIR).............................................................. 13-28 13-16 Transfer Error Attributes Register (LTEATR) .................................................................... 13-29 13-17 Transfer Error Address Register (LTEAR) ......................................................................... 13-30 13-18 Local Bus Configuration Register....................................................................................... 13-31 13-19 Clock Ratio Register (LCRR) ............................................................................................. 13-32 13-20 Basic Operation of Memory Controllers in the LBC .......................................................... 13-34 13-21 Example of 8-Bit GPCM Writing 32 Bytes to Address 0x5420 ......................................... 13-36 13-22 Basic LBC Bus Cycle with LALE, TA, and LCSn ............................................................. 13-37 13-23 Local Bus to GPCM Device Interface ................................................................................ 13-39 13-24 GPCM Basic Read Timing (XACS = 0, ACS = 1x, TRLX = 0, CLKDIV = 4,8) .............................................................................................................. 13-39 13-25 GPCM Basic Write Timing (XACS = 0, ACS = 00, CSNT = 1, SCY = 1, TRLX = 0, CLKDIV = 4 or 8) ....................................................................................... 13-45 13-26 GPCM Relaxed Timing Read (XACS = 0, ACS = 1x, SCY = 1, CSNT = 0, TRLX = 1, CLKDIV = 4 or 8) ....................................................................................... 13-46 13-27 GPCM Relaxed Timing Back-to-Back Writes (XACS = 0, ACS = 1x, SCY = 0, CSNT = 0, TRLX = 1, CLKDIV = 4 or 8)..................................................... 13-46 13-28 GPCM Relaxed Timing Write (XACS = 0, ACS = 10, SCY = 0, CSNT = 1, TRLX = 1, CLKDIV = 4 or 8) ....................................................................................... 13-47 13-29 GPCM Relaxed Timing Write (XACS = 0, ACS = 00, SCY = 1, CSNT = 1, TRLX = 1, CLKDIV = 4 or 8) ....................................................................................... 13-48 13-30 GPCM Read Followed by Read (TRLX = 0, EHTR = 0, Fastest Timing) ......................... 13-49 13-31 GPCM Read Followed by Write (TRLX = 0, EHTR = 1, 1-Cycle Extended Hold Time on Reads) ..................................................................................................... 13-49 13-32 External Termination of GPCM Access.............................................................................. 13-50 13-33 Connection to a 32-Bit SDRAM with 12 Address Lines.................................................... 13-52 13-34 SDRAM Address Multiplexing .......................................................................................... 13-54 13-35 PRETOACT = 2 (2 Clock Cycles)...................................................................................... 13-55 13-36 ACTTORW = 2 (2 Clock Cycles)....................................................................................... 13-56 13-37 CL = 2 (2 Clock Cycles) ..................................................................................................... 13-56 13-38 WRC = 2 (2 Clock Cycles) ................................................................................................. 13-57 13-39 RFRC = 4 (6 Clock Cycles) ................................................................................................ 13-57 13-40 BUFCMD = 1, LCRR[BUFCMDC] = 2............................................................................. 13-58 13-41 SDRAM Single-Beat Read, Page Closed, CL = 3 .............................................................. 13-58 |