công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3655 bảng dữ liệu(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM3655
Giải thích chi tiết về linh kiện  Charge Control and Protection IC for embedded single
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3655 bảng dữ liệu(HTML) 16 Page - National Semiconductor (TI)

Back Button LM3655 Datasheet HTML 12Page - National Semiconductor (TI) LM3655 Datasheet HTML 13Page - National Semiconductor (TI) LM3655 Datasheet HTML 14Page - National Semiconductor (TI) LM3655 Datasheet HTML 15Page - National Semiconductor (TI) LM3655 Datasheet HTML 16Page - National Semiconductor (TI) LM3655 Datasheet HTML 17Page - National Semiconductor (TI) LM3655 Datasheet HTML 18Page - National Semiconductor (TI) LM3655 Datasheet HTML 19Page - National Semiconductor (TI) LM3655 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
13.0 Safety Functions (Continued)
These specs apply to the entire Normal Temperature Range.
Specification
Test Conditions
Min
Typ
Max
Units
Short Circuit Discharge Current “I
SHUTOFF-THRESH”
The voltage here divided by M4 resistance = I
SHUTOFF.
V
CELL = 3.6V
Voltage across M4
−20˚C to +70˚C
−20˚C to +125˚C
425
350
1000
1000
mV
mV
Short Circuit Discharge Current Recovery “
τ
SHUTOFF”IRADIO_B+ =ISHUTOFF
0.01
10
ms
I
SHUTOFF-THRESH refers to a voltage threshold between the Cell pins and the Radio B+ pins. When the voltage between these pins
exceeds this voltage threshold, M4 is to open. This circuit reacts very quickly as it is intended to be immediate. This voltage
threshold is then referred to current by dividing it by the resistance of M4 (the resistance between the Cell and Radio B+ pins).
For example the threshold current (I
SHUTOFF) is 7 amps for a threshold voltage of 700 mV and a resistance of 100 m
Ω.Itis
specified in this manner to reflect the circuit implementation.
If the short circuit current is less than the lower limit, there will be no interruption of I
RADIOB+ short-circuit current. IREG will reduce
I
RADIOB+ to 4A in approximately 400 µs. If the current is greater than the upper limit, the short-circuit event will be guaranteed to
activate I
SC. The sequence is: PMOS M4 is turned off for
τ
SHUTOFF and allowed to turn on with the current regulating loop limiting
current to 4 Amps in 400 µs. Very large currents and associated energy are avoided for this 400 µs settling period.
20111509
FIGURE 6. Short-Circuit Protection Waveform
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com