công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF9160-SIBA-R bảng dữ liệu(PDF) 91 Page - Nordic Semiconductor

tên linh kiện NRF9160-SIBA-R
Giải thích chi tiết về linh kiện  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R bảng dữ liệu(HTML) 91 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 87Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 88Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 89Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 90Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 91Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 92Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 93Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 94Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 95Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 400 page
background image
Peripherals
• A secure peripheral access can control all the DPPI channels, independently of the SPU.DPPI.PERM[]
register(s)
A group of channels can be created, making it possible to simultaneously enable or disable all channels
within the group. The security attribute of a group of channels (secure or non-secure) is defined as
follows:
• If all channels (enabled or not) within a group are non-secure, then the group is considered non-secure
• If at least one of the channels (enabled or not) within the group is secure, then the group is considered
secure
A non-secure access to a DPPI register, or a bit field, controlling a channel marked as secure in
SPU.DPPI[].PERM register(s) will be ignored. Write accesses will have no effect, and read accesses will
always return a zero value.
No exceptions are triggered when non-secure accesses target a register or a bit field controlling a secure
channel. For example, if the bit
i is set in the SPU.DPPI[0].PERM register (declaring DPPI channel i as
secure), then:
• Non-secure write accesses to registers CHEN, CHENSET, and CHENCLR cannot write bit
i of these
registers
• Non-secure write accesses to TASK_CHG[j].EN and TASK_CHG[j].DIS registers are ignored if the channel
group
j contains at least one channel defined as secure (it can be the channel i itself or any channel
declared as secure)
• Non-secure read accesses to registers CHEN, CHENSET, and CHENCLR always read 0 for the bit at
position
i
For the channel configuration registers (CHG[]), access from non-secure code is only possible if the
included channels are all non-secure, whether the channels are enabled or not. If a CHG[g] register
included one or more secure channel(s), then the group
g is considered as secure, and only secure
transfers can read to or write from CHG[g]. A non-secure write access is ignored, and a non-secure read
access returns 0.
The DPPI can subscribe to secure and non-secure channels through the SUBSCRIBE_CHG[] registers, in
order to trigger the task for enabling or disabling groups of channels. An event from a secure channel will
be ignored if the group subscribing to this channel is non-secure. A secure group can subscribe to a non-
secure channel or a secure channel.
6.2.5 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x50017000
0x40017000
DPPIC
DPPIC : S
DPPIC : NS
SPLIT
NA
DPPI configuration
Table 33: Instances
4418_1315 v2.0
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com