| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4DISCOVERY-50W bảng dữ liệu(PDF) 8 Page - 4D Systems Pty Ltd |
|
|
|||||||||||||||||||||||||||||
4DISCOVERY-50W bảng dữ liệu(HTML) 8 Page - 4D Systems Pty Ltd |
|
8 / 43 page ![]() Wall Mountable Display Solution 4Discovery-50 Page 8 of 43 www.4dsystems.com.au Note: PORT1 and PORT2 on the DB02 daughter board, are different. Please refer to the table above and connect to the appropriate port which is marked on the back of the 4Discovery module plastics. Note: PORT1 RX0/TX0/RESET pins are required when programming the Diablo16 Processor, which are the UART pins. Programming is not possible over the RS232 network. |