| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4DISCOVERY-50W bảng dữ liệu(PDF) 39 Page - 4D Systems Pty Ltd |
|
|
|||||||||||||||||||||||||||||
4DISCOVERY-50W bảng dữ liệu(HTML) 39 Page - 4D Systems Pty Ltd |
|
39 / 43 page ![]() Wall Mountable Display Solution 4Discovery-50 Page 39 of 43 www.4dsystems.com.au 23. Appendix 1 – (DB01 – RS485) The following are a few additional configurations for the 4Discovery. This image shows the 4Discovery when acting as Master, connecting to a Slaved device which is incapable of Auto turn-around, but can have its RS485 chip controlled externally by the 4Discovery. Not a typical situation. This image shows the 4Discovery when acting as a Slave, where the Master device is controlling the Turn pin of the 4Discovery. This is an unlikely situation, as the 4Discovery typically would be programmed to Auto Turn based on the protocol of the Master. |