| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC3567CFSG bảng dữ liệu(PDF) 23 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC3567CFSG bảng dữ liệu(HTML) 23 Page - Toshiba Semiconductor |
|
23 / 49 page ![]() TC3567CFSG-002 2018-04-06 23 4.3.8. Host Wake up Function TC3567C can wakes up its host before sending UART data to the host. This function is disabled by default, but can be assigned to GPIO by command. Host wake up time can be changed by command (10 ms by default). Figure 4-10 Host wake up 4.3.9. HCI mode When TC3567C is used in the HCI mode, UART is the host interface to receive HCI commands. The Bluetooth® wireless performance can be tested in HCI mode by the measurement equipment which connects the UART directly. 4.3.9.1. HCI Reset Sends a HCI reset command from the host, at least 150 μs from the command complete event can be processed the following command successfully. Host wake up Host wake up time (10 ms by default) UART TX message UART TX data |