| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC35679FSG bảng dữ liệu(PDF) 9 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC35679FSG bảng dữ liệu(HTML) 9 Page - Toshiba Semiconductor |
|
9 / 45 page ![]() TC35679FSG-002 2018-01-17 9 2.3. GPIO function list GPIO pins can be assigned to UART I/Fs, serial memory I/Fs and etc. by TC35679 firmware or command from the external Host. Table 2-2 shows available functions for each GPIO pin, and Table 2-3 examples of GPIO function settings. About what function name shown in Table 2-2 is assigned to a plurality of pins in the same, please note that it cannot be assigned to select a plurality of pins at the same time. Table 2-2 Available functions for GPIO Pin name Function 1 Function 2 Function 3 Function 4 Analog input The pins of Unused GPIO0 WakeUp0 Input — — — — Open GPIO1 PWM0 Output — — — — Open (Note) GPIO2 PWM1 Output — — — — Open GPIO3 PWM2 Output SPI-DOUT Output — — ADC1 Input Open GPIO4 PWM3 Output SPI-DIN Input — — ADC2 Input Open GPIO5 UART1-TX Output SPI-DOUT Output — — — Open GPIO6 UART1-RX Input SPI-DIN Input — — — Open GPIO7 I2C-SCL Output UART2-TX Output SPI-SCS Output UART1-RTSX Output — Open GPIO8 I2C-SDAI/O UART2-RX Input SPI-SCLK Output UART1-CTSX Input — Open GPIO9 — — — — ADC3 Input Open GPIO10 — — — — ADC4 Input Open GPIO11 I2C-SCL Output SPI-DOUT Output — — — Open GPIO12 I2C-SDAI/O SPI-DIN Input — — — Open GPIO13 UART1-RTSX Output — — — — Open GPIO14 UART1-CTSX Input — — — ADC5 Input Open GPIO15 WakeUp1 Input — — — — Open GPIO25 — — — — — Open Note: Handle with care because of using operation mode switching. |