công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RVC1206 bảng dữ liệu(PDF) 1 Page - Stackpole Electronics, Inc.

tên linh kiện RVC1206
Giải thích chi tiết về linh kiện  Medium Voltage Thick Film Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEI [Stackpole Electronics, Inc.]
Trang chủ  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RVC1206 bảng dữ liệu(HTML) 1 Page - Stackpole Electronics, Inc.

  RVC1206 Datasheet HTML 1Page - Stackpole Electronics, Inc. RVC1206 Datasheet HTML 2Page - Stackpole Electronics, Inc. RVC1206 Datasheet HTML 3Page - Stackpole Electronics, Inc. RVC1206 Datasheet HTML 4Page - Stackpole Electronics, Inc. RVC1206 Datasheet HTML 5Page - Stackpole Electronics, Inc. RVC1206 Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev Date: 01/23/2019
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RVC Series
Medium Voltage Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Voltage ratings 2 times or more compared to standard chip resistors
•
Values up to 100M
Ω
•
Lower resistance values may be available - contact Stackpole
•
Proportionally higher pulse power capability
•
RoHS compliant and halogen free
•
REACH compliant
Electrical Specifications
Mechanical Specifications
0.039 ± 0.002
0.020 ± 0.002
0.014 ± 0.002
0.008 ± 0.004
0.008 ± 0.004
inches
1.00 ± 0.05
0.50 ± 0.05
0.35 ± 0.05
0.20 ± 0.10
0.20 ± 0.10
mm
0.063 ± 0.004
0.031 ± 0.004
0.018 ± 0.004
0.012 ± 0.008
0.012 ± 0.008
inches
1.60 ± 0.10
0.80 ± 0.10
0.45 ± 0.10
0.30 ± 0.20
0.30 ± 0.20
mm
0.079 ± 0.004
0.049 ± 0.004
0.020 ± 0.004
0.014 ± 0.008
0.016 ± 0.008
inches
2.00 ± 0.10
1.25 ± 0.10
0.50 ± 0.10
0.35 ± 0.20
0.40 ± 0.20
mm
0.122 ± 0.004
0.061 ± 0.004
0.022 ± 0.004
0.020 ± 0.010
0.020 ± 0.008
inches
3.10 ± 0.10
1.55 ± 0.10
0.55 ± 0.10
0.50 ± 0.25
0.50 ± 0.20
mm
Unit
RVC0402
RVC0805
Type / Code
RVC0603
L
Bottom Termination
0.620
2.042
4.368
8.947
Body Length
Body Width
Body Height
Top Termination
W
H
a
b
Weight (g)
(1000 pc)
RVC1206
±100
±200
1.02M - 10M
1.1M - 20M
±400
22M - 100M
±100
±200
1.02M - 10M
1.1M - 20M
±400
22M - 100M
±100
±200
1.02M - 10M
1.1M - 20M
±400
22M - 100M
±100
±200
1.02M - 10M
1.1M - 20M
±400
22M - 100M
±100
±200
1.02M - 20M
1.1M - 20M
±400
22M - 100M
±100
±200
1.02M - 20M
1.1M - 20M
±400
22M - 100M
39K - 1M
56K - 1M
100K - 1M
100K - 1M
51K- 1M
30K - 1M
Working Voltage =
or maximum working voltage listed above, whichever is lower.
Overload Voltage = 2.5*
or maximum overload voltage listed above, whichever is lower.
Ohmic Range (Ω) and Tolerance
1%
5%
-
-
-
0.25
-
-
0.5
2000
-
3000
4000
1000
TCR (ppm/ºC)
Type / Code
Power Rating (W)
@ 70ºC
Max Working
Voltage (V)
Max Overload
Voltage (V)
RVC2512
1
3000
400
RVC0402
0.063
100
200
800
500
RVC2010
RVC0603
RVC1206
0.1
200
RVC0805
0.125
400
√ P*R
√ P*R


Số phần tương tự - RVC1206

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allied Components Inter...
RVC1 ALLIED-RVC1 Datasheet
276Kb / 1P
VERTICAL MOUNT POWER CHOKE
RVC1-10-100K ALLIED-RVC1-10-100K Datasheet
276Kb / 1P
VERTICAL MOUNT POWER CHOKE
RVC1-10-150K ALLIED-RVC1-10-150K Datasheet
276Kb / 1P
VERTICAL MOUNT POWER CHOKE
RVC1-10-1R8L ALLIED-RVC1-10-1R8L Datasheet
276Kb / 1P
VERTICAL MOUNT POWER CHOKE
RVC1-10-220K ALLIED-RVC1-10-220K Datasheet
276Kb / 1P
VERTICAL MOUNT POWER CHOKE
More results

Mô tả tương tự - RVC1206

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MERITEK ELECTRONICS COR...
CRHV MERITEK-CRHV Datasheet
543Kb / 3P
High Voltage Thick Film Chip Resistor
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
RC1608J111CS SAMSUNG-RC1608J111CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
Thick Film Chip Resistor
logo
Samsung semiconductor
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
Thick - Film chip RESISTOR
logo
List of Unclassifed Man...
HVCB2010FKC100M ETC2-HVCB2010FKC100M Datasheet
114Kb / 3P
High Voltage Thick Film Chip Resistor
logo
Samsung semiconductor
RP164PJ000CS SAMSUNG-RP164PJ000CS Datasheet
4Mb / 20P
THICK-FILM CHIP RESISTOR
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
Thick Film Chip Resistor
logo
Vishay Siliconix
CDMV VISHAY-CDMV Datasheet
85Kb / 4P
Thick Film Chip Dividers, Medium Voltage
07-Jul-15
logo
Stackpole Electronics, ...
HVC SEI-HVC Datasheet
267Kb / 5P
High Voltage Thick Film Chip Resistor
11/18/2020
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com