| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RVC1206 bảng dữ liệu(PDF) 5 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
RVC1206 bảng dữ liệu(HTML) 5 Page - Stackpole Electronics, Inc. |
|
5 / 6 page ![]() Rev Date: 01/23/2019 5 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. RVC Series Medium Voltage Thick Film Chip Resistor Stackpole Electronics, Inc. Resistive Product Solutions Embossed Plastic Tape Specifications Type / Code Unit 0.110 ± 0.004 0.217 ± 0.004 0.472 ± 0.012 0.069 ± 0.004 0.217 ± 0.002 inches 2.80 ± 0.10 5.50 ± 0.10 12.00 ± 0.30 1.75 ± 0.10 5.50 ± 0.05 mm 0.138 ± 0.004 0.264 ± 0.004 0.472 ± 0.012 0.069 ± 0.004 0.217 ± 0.002 inches 3.50 ± 0.10 6.70 ± 0.10 12.00 ± 0.30 1.75 ± 0.10 5.50 ± 0.05 mm Type / Code Unit 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.002 0.059 ± 0.004 inches 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.05 1.50 ± 0.10 mm 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.002 0.059 ± 0.004 inches 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.05 1.50 ± 0.10 mm 1.20 1.20 0.047 0.047 RVC2010 RVC2512 P0 P1 P2 D T F RVC2512 A B W E RVC2010 RoHS Compliance Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances” (RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as amended by Directive (EU) 2015/863/EU as regards the list of restricted substances. “Conflict Metals” Commitment We at Stackpole E lectronics, Inc. are joined with our industry in opposing the use of metals mined in the “conflict region” of the eastern Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding Conflict Minerals. RoHS Compliance Status RVC Medium Voltage Thick Film Surface Mount Chip Resistor SMD YES(1) 100% Matte Sn over Ni Jan-03 03/01 Lead-Free Mfg. Effective Date (Std Product Series) Lead-Free Effective Date Code (YY/WW) Note (1): RoHS Compliant by means of exemption 7c-I. Standard Product Series Description Package / Termination Type Standard Series RoHS Compliant Lead-Free Termination Composition |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |