công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN91C96 bảng dữ liệu(PDF) 69 Page - SMSC Corporation

tên linh kiện LAN91C96
Giải thích chi tiết về linh kiện  Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C96 bảng dữ liệu(HTML) 69 Page - SMSC Corporation

Back Button LAN91C96 Datasheet HTML 65Page - SMSC Corporation LAN91C96 Datasheet HTML 66Page - SMSC Corporation LAN91C96 Datasheet HTML 67Page - SMSC Corporation LAN91C96 Datasheet HTML 68Page - SMSC Corporation LAN91C96 Datasheet HTML 69Page - SMSC Corporation LAN91C96 Datasheet HTML 70Page - SMSC Corporation LAN91C96 Datasheet HTML 71Page - SMSC Corporation LAN91C96 Datasheet HTML 72Page - SMSC Corporation LAN91C96 Datasheet HTML 73Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 125 page
background image
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
SMSC DS – LAN91C965v&3v
Page 69
Rev. 09/10/2004
DATASHEET
7
a) The MAC generates a TXEMPTY interrupt
upon a completion of a sequence of
enqueued packets.
b) If a TX failure occurs on any packets, TX
INT is generated and TXENA is cleared,
transmission sequence stops. The packet
number of the failure packet is presented at
the TX FIFO PORTS Register.
8 a) SERVICE INTERRUPT – Read Interrupt
Status Register, exit the interrupt service
routine.
b) Option 1) Release the packet.
Option 2) Check the transmit status in the
EPH STATUS Register, write the packet
number of the current packet to the Packet
Number Register, re-enable TXENA, then
go to step 4 to start the TX sequence again.
8.3
Flow of Events for Receive
S/W DRIVER
CSMA/CD SIDE
1
ENABLE RECEPTION - By setting the RXEN bit.
2
A packet is received with matching address.
Memory is requested from MMU. A packet
number is assigned to it. Additional memory is
requested if more pages are needed.
3
The internal DMA logic generates sequential
addresses and writes the receive words into
memory. The MMU does the sequential to
physical address translation. If overrun, packet
is dropped and memory is released.
4
When the end of packet is detected, the status
word is placed at the beginning of the receive
packet in memory. Byte count is placed at the
second word. If the CRC checks correctly the
packet number is written into the RX FIFO. The
RX FIFO being not empty causes RCV INT
(interrupt) to be set. If CRC is incorrect the
packet memory is released and no interrupt will
occur.
5
SERVICE INTERRUPT - Read the Interrupt
Status Register and determine if RCV INT is set.
The next receive packet is at receive area. (Its
packet number can be read from the FIFO Ports
Register). The software driver can process the
packet by accessing the RX area, and can move
it out to system memory if desired. When
processing is complete the CPU issues the
REMOVE AND RELEASE FROM TOP OF RX
command to have the MMU free up the used
memory and packet number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com