| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MTO1212TF/ES bảng dữ liệu(PDF) 8 Page - Interpoint Corporation Company |
|
|
|||||||||||||||||||||||||||||
MTO1212TF/ES bảng dữ liệu(HTML) 8 Page - Interpoint Corporation Company |
|
8 / 9 page ![]() B8-25 CASE J CASES 0.040 dia. (1.02) 54 3 12 0.173 (4.39) 0.000 1.173 (29.79 0.673 (17.09) 0.162 dia (4.11) Flanged cases: Designator required in Case Option position of model number. FMD28-461 EMI Filter (down-leaded): Screening – Standard or ES BOTTOM VIEW CASE J4 Solder Seal Solder Tip-off Squared corner and dot on top of case indicate pin one. FIGURE 39: CASE J4 0.040 dia. (1.02) 10 9 8 7 6 123 4 5 0.173 (4.39) 0.000 1.173 (29.79 0.673 (17.09) 0.162 dia (4.11) Flanged cases: Designator required in Case Option position of model number for MHL Series and MTO Series only. MHL Series, MTO Series, MTW Series: Screening – Standard or ES HR300 Series: no screening options BOTTOM VIEW CASE J5 Solder Seal Solder Tip-off Squared corner and dot on top of case indicate pin one. FIGURE 40: CASE J5 |