| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8ST bảng dữ liệu(PDF) 49 Page - SOURIAU-SUNBANK Connection Technologies |
|
|
|||||||||||||||||||||||||||||
8ST bảng dữ liệu(HTML) 49 Page - SOURIAU-SUNBANK Connection Technologies |
|
49 / 64 page ![]() 8LT Series MIL-DTL-38999 Series I 49 © 2013 - SOURIAU Shell size Part numbers* A Max B Max ØC Max D Max E ØF 09 8LT0-09GUR 16.05 2.54 14.53 24.25 18.26 3.25 8LT0-09FUR 11 8LT0-11GUR 16.05 2.54 17.78 26.60 20.62 3.25 8LT0-11FUR 13 8LT0-13GUR 16.05 2.54 21.59 29.00 23.01 3.25 8LT0-13FUR 15 8LT0-15GUR 16.05 2.54 24.77 31.35 24.61 3.25 8LT0-15FUR 17 8LT0-17GUR 16.05 2.54 27.94 33.75 26.97 3.25 8LT0-17FUR 19 8LT0-19GUR 16.05 2.54 30.66 36.90 29.36 3.25 8LT0-19FUR 21 8LT0-21GUR 15.29 3.30 33.83 40.10 31.75 3.25 8LT0-21FUR 23 8LT0-23GUR 15.29 3.30 37.00 43.25 34.93 3.73 8LT0-23FUR 25 8LT0-25GUR 15.29 3.30 40.18 46.50 38.10 3.73 8LT0-25FUR Dummy receptacles A B D E 4 holes ØF Note: All dimensions are in millimeters (mm) Panel gasket Shell size Part numbers Gasket for receptacle type 0, 2, 3 (to be ordered separately) O ring for receptacle type 7 (shipped with connector) 09 8599-5541 AS3582-019 11 8599-5542 AS3582-022 13 8599-5543 AS3582-024 15 8599-5544 AS3582-026 17 8599-5545 AS3582-028 19 8599-5546 AS3582-128 21 8599-5547 AS3582-130 23 8599-5548 AS3582-132 25 8599-5549 AS3582-134 * F or G = Plating. |