| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8ST bảng dữ liệu(PDF) 3 Page - SOURIAU-SUNBANK Connection Technologies |
|
|
|||||||||||||||||||||||||||||
8ST bảng dữ liệu(HTML) 3 Page - SOURIAU-SUNBANK Connection Technologies |
|
3 / 64 page ![]() 8LT Series MIL-DTL-38999 Series I 3 © 2013 - SOURIAU • 8LT Series - Presentation ............................................... 06 • 8LT Series - Applications ............................................... 06 • A universal product platform ....................................... 07 • Contact layouts ................................................................. 08 • Contact layouts (matrix) .................................................. 12 • 8LT Standard Version: Technical features ........................................................ 16 Ordering information ................................................... 17 Dimensions .................................................................... 19 • Backshells: Ordering information .................................................. 24 Dimensions .................................................................... 24 Thread information ...................................................... 27 Recommended installation torque ......................... 27 Band-it ............................................................................. 27 • 8LT Rack & Panel: Technical features ........................................................ 28 Ordering information .................................................. 29 Dimensions .................................................................... 30 Panel cut-out ................................................................. 31 • 8LT Resin sealed: Technical features ........................................................ 32 Ordering information .................................................. 33 • Crimp contacts ................................................................. 36 • Straight PC tail contacts ................................................. 38 • Coaxial contacts #12 ...................................................... 39 • Solder cup .......................................................................... 39 • Crimp contacts: 1500 mating ...................................... 39 • Wire wrap contacts ......................................................... 39 • Quadrax #8 contacts ..................................................... 39 • Thermocouple contacts ................................................ 40 • Dummy contacts .............................................................. 40 • Filler plugs .......................................................................... 40 • Wiring instructions ........................................................... 41 • Crimping tools .................................................................. 42 • Insertion & extraction tools .......................................... 43 • Protective caps ................................................................. 46 • Reductors ........................................................................... 47 • Boots .................................................................................... 48 • Orientations ....................................................................... 48 • Panel gasket ...................................................................... 49 • Dummy receptacles ........................................................ 49 • Cross reference list ......................................................... 50 • Coordinates information ................................................ 52 • micro38999 ...................................................................... 62 • RoHS solution ................................................................... 62 • High density ...................................................................... 63 • PCB contact without shoulder ..................................... 63 Contents Overview Contacts & Tooling Series Common Section Range Extension |