| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24F16KA102 bảng dữ liệu(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F16KA102 bảng dữ liệu(HTML) 12 Page - Microchip Technology |
|
12 / 78 page ![]() Required Debug Headers DS51292T-page 12 2006-2012 Microchip Technology Inc. AC162053, AC162054 Header Identification The header AC number is used for ordering the header. However, this number is not on the debug header, as the board is often used for multiple headers by inserting different ICE/ICD devices. To identify these debug headers, use the following information. Header Setup and Operation – AC162053 For this headers, there are no jumpers/switches. The device with the most program memory is always selected. If PIC16F627A or PIC16F628A devices are selected for development in MPLAB IDE, the warning “Invalid target device ID” may be received in the build window and as a dia- log. The reason is the PIC16F648A-ICD device supports PIC16F648A, PIC16F627A and PIC16F628A, but only reports the device ID for the PIC16F648A. Ignore this warning or disable it under the Warnings tab on the ICD Programming dialog. Header Setup and Operation – AC162054 This header supports one device (PIC16F716) so there are no jumpers or switches. Header Limitations See the “Limitations” section in your debug tool online Help file for details. Header ICE/ICD Device Board Assembly Number AC162053 PIC16F648A-ICD 02-01695 AC162054 PIC16F716-ICD |