| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24F16KA102 bảng dữ liệu(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F16KA102 bảng dữ liệu(HTML) 38 Page - Microchip Technology |
|
38 / 78 page ![]() Optional Debug Headers DS51292T-page 38 2006-2012 Microchip Technology Inc. AC162065, AC244022 Header Identification The header AC number is used for ordering the header. However, this number is not on the debug header, as the board is often used for multiple headers by inserting different ICE/ICD devices. To identify these debug headers, use the following information. Header Setup and Operation For this header, there are no jumpers/switches. MPLAB IDE will use its selected device to choose the correct device to emulate. Test points are available on this header to check the following: VDD, VDDCORE and ground. Header Limitations See the “Limitations” section in your debug tool online Help file for details. Header Dimensions The figures below lists the dimensions for the debug headers. Dimensions are design values in inches. For this device family, header AC162065 will be sold until depleted. Then only header AC244022 will remain as a Performance Pak. If the length and/or width of the debug header is too large a footprint for the target board, consider using stand-offs, transition sockets or other extenders in the header connection socket to raise the header above the target. Header ICE/ICD Device Board Assembly Number AC162065 PIC24FJ128GA010-ICE 02-01856 AC244022 02-01985 |