| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24F08KA101 bảng dữ liệu(PDF) 60 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F08KA101 bảng dữ liệu(HTML) 60 Page - Microchip Technology |
|
60 / 78 page ![]() Optional Debug Headers DS51292T-page 60 2006-2012 Microchip Technology Inc. Header Dimensions The figure below lists the dimensions for the debug header. Dimensions are design values in inches. If the length and/or width of the debug header is too large a footprint for the target board, consider using stand-offs, transition sockets or other extenders in the header connection socket to raise the header above the target. FIGURE 15: DIMENSIONS - AC244046, AC244047 Dimensions are in inches Side Top 0.165 Typical 0.165 Typical 0.062 Typical 0.410 Typical Target Pin 1 located on Bottom side of Header 1.930 0.620 1.640 0.320 0.570 ICE Device 6-pin SIL Connector (0.100 pin spacing) See Appendix B. “Debug Header Connections” for details. |