| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24F08KA101 bảng dữ liệu(PDF) 36 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F08KA101 bảng dữ liệu(HTML) 36 Page - Microchip Technology |
|
36 / 78 page ![]() Optional Debug Headers DS51292T-page 36 2006-2012 Microchip Technology Inc. AC162064 Header Identification The header AC number is used for ordering the header. However, this number is not on the debug header, as the board is often used for multiple headers by inserting different ICE/ICD devices. To identify this debug header, use the following information. Header Setup and Operation For this header, there are no jumpers/switches. MPLAB IDE will use its selected device to choose the correct device to emulate. Test points are available on this header to check the following: VDD, VDDCORE and ground. Header Limitations See the “Limitations” section in your debug tool online Help file for details. Header Dimensions The figure below lists the dimensions for the debug header. Dimensions are design values in inches. If the length and/or width of the debug header is too large a footprint for the target board, consider using stand-offs, transition sockets or other extenders in the header connection socket to raise the header above the target. Header ICE/ICD Device Board Assembly Number AC162064 PIC18F97J60-ICE 02-01853 |