| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AC244044 bảng dữ liệu(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC244044 bảng dữ liệu(HTML) 56 Page - Microchip Technology |
|
56 / 78 page ![]() Optional Debug Headers DS51292T-page 56 2006-2012 Microchip Technology Inc. Header Dimensions The figure below lists the dimensions for the debug header. Dimensions are design values in inches. If the length and/or width of the debug header is too large a footprint for the target board, consider using stand-offs, transition sockets or other extenders in the header connection socket to raise the header above the target. FIGURE 13: DIMENSIONS - AC244035, AC244036 Dimensions are in inches Side Top 0.380 Typical 0.165 Typical 0.062 Typical 0.335 Typical 0.710 0.650 0.800 0.345 0.840 0.710 2.575 0.445 0.145 2.190 28-Pin DIP Target Pin 1 located on Bottom side of Header 44-Pin TQFP Target Pin 1 located on Bottom side of Header 44-Pin QFN Target Pin 1 located on Bottom side of Header 40-Pin DIP Target Pin 1 located on Bottom side of Header ICE Device 6-pin SIL Connector (0.100 pin spacing) See Appendix B. “Debug Header Connections” for details. QFN TQFP |