| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AC244044 bảng dữ liệu(PDF) 45 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC244044 bảng dữ liệu(HTML) 45 Page - Microchip Technology |
|
45 / 78 page ![]() Optional Debug Headers 2006-2012 Microchip Technology Inc. DS51292T-page 45 After the debug header is set up, do the following: 1. Connect the header to the PICDEM MC/MC LV target board. 2. Power the target board. You should see the red LED on the debug header turn on. 3. Connect the debug tool to the debug header. 4. Program the part with the demo code. 5. Run the program. 6. Press and release switch S2 on the target board to toggle the direction of the motor’s rotation. 7. Press and release switch S1 on the target board to toggle between running and stopping the motor. 8. If the motor stops while reversing from a high speed, there could be an overcurrent condition detected by the system. Reset the system to run the program again. Header Limitations See the “Limitations” section in your debug tool online Help file for details. |