| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AC162053 bảng dữ liệu(PDF) 46 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC162053 bảng dữ liệu(HTML) 46 Page - Microchip Technology |
|
46 / 78 page ![]() Optional Debug Headers DS51292T-page 46 2006-2012 Microchip Technology Inc. Header Dimensions The figure below lists the dimensions for the debug header. Dimensions are design values in inches. If the length and/or width of the debug header is too large a footprint for the target board, consider using stand-offs, transition sockets or other extenders in the header connection socket to raise the header above the target. FIGURE 8: DIMENSIONS – AC162078 M 18-Pin Target Pin 1 Located on Bottom side of Header Dimensions are in inches Top 28-Pin Target Pin 1 Located on Bottom side of Header Side 0.062 Typical 0.560 Typical 0.165 Typical 2.300 0.950 0.410 0.300 0.150 2.050 6-pin Modular Connector See Appendix B. “Debug Header Connections” for details. ICE Device |