| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AC162053 bảng dữ liệu(PDF) 44 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC162053 bảng dữ liệu(HTML) 44 Page - Microchip Technology |
|
44 / 78 page ![]() Optional Debug Headers DS51292T-page 44 2006-2012 Microchip Technology Inc. AC162078 Header Identification The header AC number is used for ordering the header. However, this number is not on the debug header, as the board is often used for multiple headers by inserting different ICE/ICD devices. To identify this debug header, use the following information. Header Setup and Operation This debug header can be used with the following targets: 1. Customer target board for PIC18F1230/1330 devices. The target board should have an 18-pin DIP socket to connect to the 18-pin DIP socket on the debug header. 2. PICDEM MC motor control demo board. Use the 28-pin DIP socket on both boards to mount the debug header on to the PICDEM MC board. 3. PICDEM MC LV motor control demo board. Use the 28-pin DIP socket on both boards to mount the debug header on to the PICDEM MC LV board. The following sections detail the configuration of the jumpers on the debug header for use with the above mentioned boards. CUSTOMER TARGET BOARD The default configuration is to remove all jumpers. S1 is not populated and should not be used. After the debug header is set up, do the following: 1. Connect the header to the target board. 2. Power the target board. You should see the red LED on the debug header turn on. 3. Connect the debug tool to the debug header. 4. Use MPLAB IDE and the debug tool to develop your application. PICDEM MC/MC LV MOTOR CONTROL DEMO BOARDS To run a BLDC motor on the PICDEM MC board or PICDEM MC LV board using the supplied firmware, use the following jumper setup: S1 is not populated and should not be used. Header ICE/ICD Device Board Assembly Number AC162078 PIC18F1330-ICD 02-01896 Jumper Jumper Setting Jumper Jumper Setting J1 2-3 JP1 Open J2 2-3 J3 2-3 JP2 Open J5 2-3 J6 1-2 JP3 Open J7 1-2 |