| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MS3124P-20-26SW bảng dữ liệu(PDF) 10 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
MS3124P-20-26SW bảng dữ liệu(HTML) 10 Page - Amphenol Corporation |
|
10 / 52 page ![]() 8 Amphenol Miniature Cylindrical insert arrangements A C B A D C B A D C B H G F E A H G F E D C B P N M L K J Z Y X W V U T S R A Z Y X W V U T S R P N M L K J H G F E D C B a b c Insert Arrangement 14-91HV 14-AA 16-8 16-23 16-26 Service Rating Flashover 5,000 VAC (RMS) I II I I Number of Contacts 3 4 8 22 1 26 Contact Size 20 12 16 20 16 20 A H B J K D L R E M F N G P C A M L K J H G F E D C B P N A M L K J H G F E D C B T S R P N Z Y X W V U Insert Arrangement 16-70 16-76 16-99 18-2 18-3 Service Rating N/A Flashover 1,500 VAC (RMS) I II II Number of Contacts 14 1 8 1 5 21 2 2 3 Contact Size 20 12 COAX 20 12* 2 COAX 20 16 8 10 *Contact Positions Optional A E DC B A H G F ED C B A L K J H G F E D C B A Z Y X W V U T S R P N M L K J H G F E D C B a b c d e f g Insert Arrangement 18-5 18-8 18-11 18-30 Service Rating II I II I Number of Contacts 5 8 11 29 1 Contact Size 12 12 16 20 16 A Z Y X W V U T S R P N M L K J H G F E D C B a b c d e f g h j A H G F E D C B J A B C M P L N D E H F G J K A D CB Insert Arrangement 18-32 18-71 18-72 18-75 Service Rating I II, COAX N/A COAX Number of Contacts 32 8 1 10 4 4 Contact Size 20 16 8 COAX 20 12 COAX 8 COAX |