công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MS3124P-20-26SW bảng dữ liệu(PDF) 38 Page - Amphenol Corporation

tên linh kiện MS3124P-20-26SW
Giải thích chi tiết về linh kiện  Miniature Cylindrical Connectors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3124P-20-26SW bảng dữ liệu(HTML) 38 Page - Amphenol Corporation

Back Button MS3124P-20-26SW Datasheet HTML 34Page - Amphenol Corporation MS3124P-20-26SW Datasheet HTML 35Page - Amphenol Corporation MS3124P-20-26SW Datasheet HTML 36Page - Amphenol Corporation MS3124P-20-26SW Datasheet HTML 37Page - Amphenol Corporation MS3124P-20-26SW Datasheet HTML 38Page - Amphenol Corporation MS3124P-20-26SW Datasheet HTML 39Page - Amphenol Corporation MS3124P-20-26SW Datasheet HTML 40Page - Amphenol Corporation MS3124P-20-26SW Datasheet HTML 41Page - Amphenol Corporation MS3124P-20-26SW Datasheet HTML 42Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
36
PT-SE, SP-SE, MS/PT-SE
how to order
1.
2.
3.
4.
5.
6.
7.
8.
Connector Type
Shell Style
Service Class
Shell Size
Insert
Arrangement
Contact Configuration
Insert Rotation
Finish
PT
00
SE
20
41
P
W
003
1. Connector Type
PT
standard olive drab, electrically conductive cadmium
plate bayonet lock connector with solder contacts
MF
standard olive drab, electrically conductive cadmium
plated, bayonet lock connector with dual mounting
holes, and
crimp contacts
SP
electrically non-conductive, hard anodic coated bay-
onet lock connector with solder contacts and larger
flange and mounting holes for back panel mounting
4. Shell Size
Shell sizes 8 - 24 available
2. Shell Style
00
Wall mounting receptacle
01
Cable connecting receptacle
02
Box mounting receptacle
06
Straight plug
07
Jam nut receptacle
08
90 degree plug
6. Contact Configuration
P
Pin contacts
S
Socket contacts
3. Service Class
SE
Environmental crimp
SP potted type crimp
Both of the above are Amphenol proprietary versions of the
MILDTL-26482, Series 1 crimp contact connector and offer
15 lbs. contact retention for size 20 contacts; 25 lbs. for size
16 contacts.
PG
adapter for cable gland for moisture proofing
jacketed cables
SQ Braided shield termination
G
Heatshrink termination
7. Insert Rotation
No letter is required for normal position
W
Refer to page 6
X
Y
Z
5. Insert Arrangement
Refer to pages 4-10 for insert availability
(Use only the number following the hyphen)
PT-SE, SP-SE
Ex: PT00SE-20-41PW003
1.
2.
3.
4.
5.
6.
7.
8.
Connector Type
Specification
Number
Shell Style
Service Class
Shell Size
Insert Arrangement
Contact
Configuration
Insert Rotation
MS
311
0
E
20
41
P
W
1. Connector Type
MS
Military standard
5. Shell Size
Shell sizes 8 - 24 available
3. Shell Style
0
Wall mounting receptacle
1
Cable connecting receptacle*
2
Box mounting receptacle
4
Jam nut receptacle
6
Straight plug
7
box mounting receptacle with dual mounting holes
8
wall mounting receptacle with dual mounting holes
7. Contact Configuration
P
Pin contacts
S
Socket contacts
4. Service Class
E
Environmental resisting connector
F
Environmental resisting connectors with strain relief
P
Potted type with potting boot
SQ Braided shield termination
G
Heatshrink termination
8. Insert Rotation
No letter is required for normal position
W
Refer to page 6
X
Y
Z
MS/PT-SE
MIL-DTL-26482, Series 1
Ex: MS3120E20-41PW
2. Specification Number
312
basic family for MIL-DTL-26482, Series 1 crimp type
6. Insert Arrangement
Refer to pages 4-10 for insert availability
(Use only the number following the hyphen)
* This connector style is sometimes referred to as a cable
connecting “plug”. It does, however, mate with either a
straight or 90 degree plug.
8. Finish
SR Designates a strain relief clamp
Indicate optional finishes as follows:
100
Suffix added for flat eyelet pin contacts in hermetic
versions
OR
005 * Anodic coating - Alumilite® (standard on “SP”)
023 * Electroless nickel
025 * Black zinc cobalt plating
072 * Conductive gray zinc nickel plating
424 * Electroless nickel finish with strain relief
470 * Black zinc cobalt plating with strain relief
725 * Gray zinc nickel plating with strain relief
* RoHS Compliant finish
Note: Olive drab cadmium is the default plating. If required on SP
type use suffix (003).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com