| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P5V_USB bảng dữ liệu(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5V_USB bảng dữ liệu(HTML) 14 Page - NXP Semiconductors |
|
14 / 17 page ![]() Freescale Semiconductor, Inc FRDM-KL46Z Page 14 of 17 5.1.11 Three-axis Digital Magnetometer A Freescale MAG3110 Three-Axis, Digital Magnetometer is interfaced through an I2C bus, and one GPIO signals as shown in Table 6 below Table 6. Magnetometer Signal Connections MAG3110 KL46 SCL PTE25/TPM0_CH1/I2C0_SDA SDA PTE24/TPM0_CH0/I2C0_SCL INT1_MAG PTD1 (shared with INT2_ACCEL) can be isolated removing R50 5.1.12 LEDs Two LED, Green LED is PWM capable, Signal connections are shown in Table 7. Table 7. LED Signal Connections LED KL46 Red PTD5 Green PTE29/TPM0_CH2 |