| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P5V_USB bảng dữ liệu(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5V_USB bảng dữ liệu(HTML) 4 Page - NXP Semiconductors |
|
4 / 17 page ![]() Freescale Semiconductor, Inc FRDM-KL46Z Page 4 of 17 4 FRDM-KL46Z Hardware Overview The features of the FRDM-KL46Z include> MKL46Z256VLLZ4 MCU (48 MHz, 256KB Flash, 32 KB RAM, Low power, 100LQFP package) Dual role USB interface with mini-B USB connector Open SDA 4 digit segment LCD module Capacitive touch slider Ambient light sensor MMA8451Q accelerometer MAG3110 Magnetometer 2 user LEDs 2 user push buttons Flexible power supply options – USB, coin cell battery, external source Battery-ready, power-measurement access points Easy access to MCU I/O via Arduino ™ R3 compatible I/O connectors Programmable OpenSDA debug interface with multiple applications available including: o Mass storage device flash programming interface o P&E Debug interface provides run-control debugging and compatibility with IDE tools o CMSIS-DAP interface: new ARM standard for embedded debug interface o Data logging application Arduino R3 compatibility Figure 1 shows a block diagram of the FRDM-KL46Z design. The primary components and their placement on the hardware assembly are pointed out in Figure 2. |