| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS951402 bảng dữ liệu(PDF) 8 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS951402 bảng dữ liệu(HTML) 8 Page - Integrated Circuit Systems |
|
8 / 23 page ![]() 8 Integrated Circuit Systems, Inc. ICS951402 Advance Information 0660—05/05/05 I 2C Table: Output Control Register Byte 6 Pin # Name Control Function Type 0 1 PWD Bit 7 - CPU_STOP# CPU Stop Status RW 1 Bit 6 - PD# PD# Status RW See Table 1: Truth Table on page 3 1 Bit 5 - PCI_F0 Free-run Control RW Free Not free 0 Bit 4 - PCI_F1 Free-run Control RW Free Not free 0 Bit 3 - CPUT/C_0 Free-run Control RW Free Not free 1 Bit 2 - CPUT/C_1 Free-run Control RW Free Not free 1 Bit 1 40,39 CPUT/C_0 Output Control RW Disable Enable 1 Bit 0 44,43 CPUT/C_1 Output Control RW Disable Enable 1 I 2C Table: Output Control Register Byte 7 Pin # Name Control Function Type 0 1 PWD Bit 7 15 PCICLK_F1 Output Control RW Disable Enable 1 Bit 6 14 PCICLK_F0 Output Control RW Disable Enable 1 Bit 5 23 PCICLK5 Output Control RW Disable Enable 1 Bit 4 22 PCICLK4 Output Control RW Disable Enable 1 Bit 3 21 PCICLK3 Output Control RW Disable Enable 1 Bit 2 20 PCICLK2 Output Control RW Disable Enable 1 Bit 1 17 PCICLK1 Output Control RW Disable Enable 1 Bit 0 16 PCICLK0 Output Control RW Disable Enable 1 I 2C Table: Byte Count Register Byte 8 Pin # Name Control Function Type 0 1 PWD Bit 7 - BC7 RW - - 0 Bit 6 - BC6 RW - - 0 Bit 5 - BC5 RW - - 0 Bit 4 - BC4 RW - - 0 Bit 3 - BC3 RW - - 1 Bit 2 - BC2 RW - - 1 Bit 1 - BC1 RW - - 1 Bit 0 - BC0 Writing to this register will configure how many bytes will be read back, default is 0F = 15 bytes. RW - - 1 |