| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS951402 bảng dữ liệu(PDF) 6 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS951402 bảng dữ liệu(HTML) 6 Page - Integrated Circuit Systems |
|
6 / 23 page ![]() 6 Integrated Circuit Systems, Inc. ICS951402 Advance Information 0660—05/05/05 I 2C Table: Reserved Register Byte 0 Pin # Name Control Function Type 0 1 PWD Bit 7 - Reserved Reserved RW - - 1 Bit 6 - Reserved Reserved RW - - 1 Bit 5 - Reserved Reserved RW - - 1 Bit 4 - Reserved Reserved RW - - 1 Bit 3 - Reserved Reserved RW - - 1 Bit 2 - Reserved Reserved RW - - 1 Bit 1 - Reserved Reserved RW - - 1 Bit 0 - Reserved Reserved RW - - 1 I 2C Table: Reserved Register Byte 1 Pin # Name Control Function Type 0 1 PWD Bit 7 - Reserved Reserved RW - - 1 Bit 6 - Reserved Reserved RW - - 1 Bit 5 - Reserved Reserved RW - - 1 Bit 4 - Reserved Reserved RW - - 1 Bit 3 - Reserved Reserved RW - - 1 Bit 2 - Reserved Reserved RW - - 1 Bit 1 - Reserved Reserved RW - - 1 Bit 0 - Reserved Reserved RW - - 1 I 2C Table: Reserved Register Byte 2 Pin # Name Control Function Type 0 1 PWD Bit 7 - Reserved Reserved RW - - 1 Bit 6 - Reserved Reserved RW - - 1 Bit 5 - Reserved Reserved RW - - 1 Bit 4 - Reserved Reserved RW - - 1 Bit 3 - Reserved Reserved RW - - 1 Bit 2 - Reserved Reserved RW - - 1 Bit 1 - Reserved Reserved RW - - 1 Bit 0 - Reserved Reserved RW - - 1 |